Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX821 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX821
Description  4-Pin 關P Voltage Monitors with Pin-Selectable Power-On Reset Timeout Delay
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX821 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX821 Datasheet HTML 1Page - Maxim Integrated Products MAX821 Datasheet HTML 2Page - Maxim Integrated Products MAX821 Datasheet HTML 3Page - Maxim Integrated Products MAX821 Datasheet HTML 4Page - Maxim Integrated Products MAX821 Datasheet HTML 5Page - Maxim Integrated Products MAX821 Datasheet HTML 6Page - Maxim Integrated Products MAX821 Datasheet HTML 7Page - Maxim Integrated Products MAX821 Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
4-Pin µP Voltage Monitors with Pin-Selectable
Power-On Reset Timeout Delay
_______________________________________________________________________________________
3
Note 1: RESET output for MAX821; RESET output for MAX822.
Note 2: During reset active timeout period only.
Note 3: Guaranteed by design.
ELECTRICAL CHARACTERISTICS (continued)
(VCC = full range, TA = -40°C to +125°C, unless otherwise noted. Typical values are at TA = +25°C.)
0.3
0.4
pF
20
SRT Input Capacitance
(Note 3) (see Setting
the Reset Timeout Delay
section)
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
MAX821R/S/T/U only, ISINK = 1.2mA,
VCC = VTH(MIN)
MAX821L/M/P only, ISINK = 3.2mA,
VCC = VTH(MIN)
Internal
CONDITIONS
0.3
VOL
0.3
ISINK = 50µA
0.3
0.4
MAX822R/S/T only, ISINK = 1.2mA,
VCC = VTH(MAX)
MAX822L/M only, ISINK = 3.2mA,
VCC = VTH(MAX)
V
0.8VCC
VOH
RESET Output Voltage
(MAX821)
VCC -1.5
MAX821R/S/T/U only, ISOURCE = 500µA,
VCC ≥ VTH(MAX)
MAX821L/M/P only, ISOURCE = 800µA,
VCC ≥ VTH(MAX)
0.6
-40
RESET TIMEOUT PERIOD
vs. TEMPERATURE
0.7
TEMPERATURE (°C)
40
60
80
0.9
0.8
-20
20
100
1.0
0
SRT = GND
30
-40
RESET TIMEOUT PERIOD
vs. TEMPERATURE
32
31
TEMPERATURE (°C)
40
60
80
35
34
33
-20
20
100
36
0
SRT = VCC
150
-40
RESET TIMEOUT PERIOD
vs. TEMPERATURE
160
155
TEMPERATURE (°C)
40
60
80
175
170
165
-20
20
100
180
0
SRT = UNCONNECTED
VOL
V
VOH
RESET Output Voltage
(MAX822)
0.8VCC
ISOURCE = 150µA, 1.4V ≤ VCC ≤ VTH(MIN)
__________________________________________Typical Operating Characteristics
(TA = +25°C, unless otherwise noted.)
TA = 0°C to +70°C,
VCC ≥ 1V
TA = -40°C to +85°C,
VCC ≥ 1.2V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com