Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4069L-D14-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # CD4069L-D14-R
Description  INVERTER CIRCUITS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4069L-D14-R Datasheet(HTML) 3 Page - Unisonic Technologies

  CD4069L-D14-R Datasheet HTML 1Page - Unisonic Technologies CD4069L-D14-R Datasheet HTML 2Page - Unisonic Technologies CD4069L-D14-R Datasheet HTML 3Page - Unisonic Technologies CD4069L-D14-R Datasheet HTML 4Page - Unisonic Technologies CD4069L-D14-R Datasheet HTML 5Page - Unisonic Technologies CD4069L-D14-R Datasheet HTML 6Page - Unisonic Technologies CD4069L-D14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CD4069
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-020.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
-0.5 ~ +18
V
Input Voltage
VIN
-0.5 ~ VDD +0.5
V
Storage Temperature Range
TS
-65 ~ +150
°C
DIP-14
700
Power Dissipation
SOP-14
PD
500
mW
Junction Temperature
TJ
125
°C
Operating Temperature
TOPR
-20 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATING CONDITIONS (VSS=0V )
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
3 ~ 15
V
Input Voltage
VIN
0 ~ VDD
V
Operating Temperature
TA
-40 ~ 85
°C
DC ELECTRICAL CHARACTERISTICS (VSS=0V, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
VDD=5V, VIN=VDD or VSS
1.0
μA
VDD=10V, VIN=VDD or VSS
2.0
μA
Quiescent Device Current
IDD
VDD=15V, VIN=VDD or VSS
4.0
μA
VDD=5V
0
0.05
V
VDD=10V
0
0.05
V
Low Level Output Voltage
VOL
|IO|<1μA
VDD=15V
0
0.05
V
VDD=5V
4.95
V
VDD=10V
9.95
V
High Level Output Voltage
VOH
|IO|<1μA
VDD=15V
14.95
V
VDD=5V, VO=4.5V
1.0
V
VDD=10V, VO=9V
2.0
V
Low Level Input Voltage
VIL
|IO|<1μA
VDD=15V, VO=13.5V
3.0
V
VDD=5V, VO=0.5V
4.0
V
VDD=10V, VO=1V
8.0
V
High Level Input Voltage
VIH
|IO|<1μA
VDD=15V, VO=1.5V
12.0
V
VDD=5V, Vo=0.4V
0.44
0.88
mA
VDD=10V, Vo=0.5V
1.1
2.25
mA
Low Level Output Current
(Note 2)
IOL
VDD=15V, Vo=1.5V
3.0
8.8
mA
VDD=5V, Vo=4.6V
-0.44
-0.88
mA
VDD=10V, Vo=9.5V
-1.1
-2.25
mA
High Level Output Current
(Note 2)
IOH
VDD=15V, Vo=13.5V
-3.0
-8.8
mA
VDD=15V, VIN=0V
-10
-5
-0.30
μA
Input Current
IIN
VDD=15V, VIN=15V
10
-5
0.30
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com