Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4069G-S14-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # CD4069G-S14-R
Description  INVERTER CIRCUITS
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

CD4069G-S14-R Datasheet(HTML) 1 Page - Unisonic Technologies

  CD4069G-S14-R Datasheet HTML 1Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 2Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 3Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 4Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 5Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 6Page - Unisonic Technologies CD4069G-S14-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
UNISONIC TECHNOLOGIES CO., LTD
CD4069
CMOS IC
www.unisonic.com.tw
1 of 7
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-020.D
INVERTER CIRCUITS
DESCRIPTION
The UTC CD4069 consists of six inverter circuits and is
manufactured using complementary MOS (CMOS) to
achieve wide power supply operating range, low power
consumption, high noise immunity, and symmetric controlled
rise and fall times.
All inputs are protected from damage due to static
discharge by diode clamps to VDD and VSS.
FEATURES
* Wide supply voltage range: 3.0V ~ 15V.
* High noise immunity: 0.45 VDD typ.
* Low Power TTL compatibility: Fan out of 2 driving 74L
or 1 driving 74LS.
DIP-14
SOP-14
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
CD4069L-D14-R
CD4069G-D14-R
DIP-14
Tube
-
CD4069G-S14-R
SOP-14
Tape Reel
MARKING
DIP-14
SOP-14


Similar Part No. - CD4069G-S14-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
CD4069G-S14-R UTC-CD4069G-S14-R Datasheet
237Kb / 7P
INVERTER CIRCUITS
CD4069G-S14-R UTC-CD4069G-S14-R Datasheet
203Kb / 7P
INVERTER CIRCUITS
More results

Similar Description - CD4069G-S14-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC1GU04 PHILIPS-74LVC1GU04 Datasheet
96Kb / 15P
Inverter
2004 Sep 21
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC Datasheet
78Kb / 6P
Inverter Circuits
logo
National Semiconductor ...
CD4069UBC NSC-CD4069UBC Datasheet
137Kb / 6P
Inverter Circuits
logo
Fairchild Semiconductor
CD4069UBC FAIRCHILD-CD4069UBC_02 Datasheet
96Kb / 7P
Inverter Circuits
logo
Toshiba Semiconductor
TC7SZ04AFS TOSHIBA-TC7SZ04AFS Datasheet
166Kb / 6P
INVERTER
logo
Unisonic Technologies
TC4069 UTC-TC4069 Datasheet
176Kb / 5P
INVERTER CIRCUITS
CD4069 UTC-CD4069_12 Datasheet
237Kb / 7P
INVERTER CIRCUITS
TC4069 UTC-TC4069_15 Datasheet
176Kb / 5P
INVERTER CIRCUITS
CD4069 UTC-CD4069_17 Datasheet
203Kb / 7P
INVERTER CIRCUITS
TC4069 UTC-TC4069_17 Datasheet
133Kb / 5P
INVERTER CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com