Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8200G-P16-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # L8200G-P16-R
Description  SINGLE LNB-BIAS, CONTROL AND POWER MANAGEMENT SOLUTION
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8200G-P16-R Datasheet(HTML) 2 Page - Unisonic Technologies

  L8200G-P16-R Datasheet HTML 1Page - Unisonic Technologies L8200G-P16-R Datasheet HTML 2Page - Unisonic Technologies L8200G-P16-R Datasheet HTML 3Page - Unisonic Technologies L8200G-P16-R Datasheet HTML 4Page - Unisonic Technologies L8200G-P16-R Datasheet HTML 5Page - Unisonic Technologies L8200G-P16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
L8200
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R123-017.e
PIN CONFIGURATION
2
1
16
15
14
13
12
11
10
9
5
6
7
8
4
3
G1
D1
D2
D3
G3
DM
GM
RCALA
VIN
VOUT
HB
LB
CSUB
G2
RCALM
GND
4
3
2
1
9
10
11
12
HB
CSUB
G2
D2
G1
D1
13
14
15
16
LB
5
6
7
8
VOUT
QFN-16(3×3)
GND
Top View
PIN DESCRIPTION
Pin No.
TSSOP-16
QFN-16(3×3)
PIN NAME
DESCRIPTION
1
1
G1
To G of fet 1
2
2
D1
To D of fet 1
3
3
D2
To D of fet 2
4
4
G2
To G of fet 2
5
5
D3
To D of fet 3
6
6
G3
To G of fet 3
7
7
DM
To Drain of mix fet
8
8
GM
To Gate of mix fet
9
9
CSUB
connect an external cap to produce -2.5V
10
10
LB
To LB OSC.
11
11
HB
To HB OSC.
12
12
VOUT
5V voltage output terminal
13
13
VIN
Power supply(include both voltage and tone signal)
14
14
GND
GND
15
15
RCALM
Connect 22kohm to set Idm to 10mA
16
16
RCALA
Connect 22kohm to set Id1, Id2, Id3 to 10mA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com