Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8312G-R16-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # L8312G-R16-R
Description  DUAL POLARIZATION AND TONE SWITCH CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8312G-R16-R Datasheet(HTML) 4 Page - Unisonic Technologies

  L8312G-R16-R Datasheet HTML 1Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 2Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 3Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 4Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 5Page - Unisonic Technologies L8312G-R16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
L8312
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R123-016.c
ABSOLUTE MAXIMUM RATING (TA=-25 ~ +85°C)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VS
-0.6 ~ 12
V
Supply Current
IS
100
mA
Input Voltage (POL Pin)
VIN
25
V
Power Dissipation (TA=25°C)
PD
600
mW
Operating Junction Temperature
TJ
-40 ~ 70
°C
Storage Temperature
TSTG
-50 ~ 85
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage (TOPR = -40°C ~ 80°C)
VCC
5
9
V
Supply Current
ICC
Standby current, no load
10
mA
Output Voltage High
SWHIGH
ISW =-5mA
VCC-1.0VCC-0.9 VCC
V
Output Voltage Low
SWLOW
ISW =5mA
0
0.3
0.5
TONE/POLARITY SWITCH CHARACTERISTICS
Tone Switch Threshold
VTST
Coupling via 10nF(sin wave)
100
170
350 mVPP
Low Frequency Rejection
fRL
Coupling via 10nF(sin wave)
1.0
7.5
KHZ
Polarity Detector Input Current
IPOL
VPOL1, 2 input=25V, via RPOL=1KΩ
100
130
200
μA
Polarity Detector Threshold Voltage
VTPOL
VPOL1, 2 input applied via
RPOL=1KΩ
14.0
14.5
15.0
V
Switching Speed
TS
VPOL1, 2 input applied via
RPOL=1KΩ
100
ms
Enable Threshold Voltage
VENB
ICENB =-50μA
0.7
1.2
1.5
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com