Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8565L-S08-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # L8565L-S08-R
Description  HIGH PERFORMANCE POWER FACTOR CORRECTION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8565L-S08-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button L8565L-S08-R Datasheet HTML 5Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 6Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 7Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 8Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 9Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 10Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 11Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 12Page - Unisonic Technologies L8565L-S08-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
L8565
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 13
www.unisonic.com.tw
QW-R114-004.d
FUNCTIONAL DESCRIPTION(Cont.)
7. PWM Logic
The PWM logic block prioritizes the control input signals and generates the final logic signal to turn on the driver
stage. The speed of the logic gates in this block, together with the width of the reset pulse TOFF(MIN), are designed to
meet a maximum duty cycle DMAX of 95% at the GATE output under 133kHz of operation.
In case of high input currents which result in Peak Current Limitation, the GATE will be turned off immediately and
maintained in off state for the current PWM cycle. The signal TOFFMIN resets (highest priority, overriding other input
signals) both the current limit latch and the PWM on latch as illustrated in Fig. 13.
8. Voltage Loop
The voltage loop is the outer loop of the cascaded control scheme which controls the PFC output bus voltage VOUT.
This loop is closed by the feedback sensing voltage at VSENSE which is a resistive divider tapping from VOUT. The pin
VSENSE is the input of OTA1 which has an internal reference of 5V. Fig. 14 shows the important blocks of this voltage
loop.
8.1 Voltage Loop Compensation
The compensation of the voltage loop is installed at the VCOMP pin (see Fig. 14). This is the output of OTA1 and the
compensation must be connected at this pin to ground. The compensation is also responsible for the soft start
function which controls an increasing AC input current during start-up.
From
Full-wave
Retifier
L1
R7
D1
R3
R4
C2
VOUT
Current Loop
+
PWM Generation
VIN
Av(IIN)
Nonlinear
Gain
Gate Driver
GATE
VSENSE
VCOMP
R6
C4
C5
OTA1
5V
-
+
UTC L8565
Fig. 14 Voltage Loop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com