Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L8562G-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # L8562G-S08-R
Description  POWER FACTOR CORRECTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

L8562G-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  L8562G-S08-R Datasheet HTML 1Page - Unisonic Technologies L8562G-S08-R Datasheet HTML 2Page - Unisonic Technologies L8562G-S08-R Datasheet HTML 3Page - Unisonic Technologies L8562G-S08-R Datasheet HTML 4Page - Unisonic Technologies L8562G-S08-R Datasheet HTML 5Page - Unisonic Technologies L8562G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
L8562
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R119-018.C
TYPICAL APPLICATION CIRCUIT
150W, Wide-range mains
ZCD COMP INV
GD
CS
GND
MULT
VCC
-
+
~ VAC
(90V~264V)
F1
3
2.0A/250V
1
2
4
+
-
BD1
2KBP06M
C4
1μF/
400V
R1
620K/
1206
R6
620K/
1206
R14
10K/
0805
C8
10nF/
0805
C6
22μF/50V
ZD1
ZD18.0
64
8
3
52
1
7
R2
62K/1206
R7
56K/1206
R3
110/
0805
C1
10nF/0805
D2 1N4148
T1 PFC CHOKE
11
7
2
6
R5 10K/0805
C3
1μF/0805
R13
10/1206
D3 1N4148
Q1
12N65
R16
0.47/1W
R17
0.47/1W
R11
19K/
0.25W
R12
19K/
0.25W
C5
120μF/
450V
R9
750K/1206
R4
750K/1206
D1
BYC5-600
R8
22K/1206
UTC
L8562



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com