Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB209AL-P08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB209AL-P08-R
Description  BATTERY PROTECTION IC WITH CELL-BALANCE FUNCTION
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB209AL-P08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UB209AL-P08-R Datasheet HTML 1Page - Unisonic Technologies UB209AL-P08-R Datasheet HTML 2Page - Unisonic Technologies UB209AL-P08-R Datasheet HTML 3Page - Unisonic Technologies UB209AL-P08-R Datasheet HTML 4Page - Unisonic Technologies UB209AL-P08-R Datasheet HTML 5Page - Unisonic Technologies UB209AL-P08-R Datasheet HTML 6Page - Unisonic Technologies UB209AL-P08-R Datasheet HTML 7Page - Unisonic Technologies UB209AL-P08-R Datasheet HTML 8Page - Unisonic Technologies UB209AL-P08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UB209A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-940.a
ABSOLUTE MAXIMUM RATING (TA=25°C unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Between VDD and VSS
VDS
VSS-0.3~VSS+12
V
CB Pin Output Voltage
VCB
VSS-0.3~VDD+0.3
V
CDT Pin Voltage
VCDT
VSS-0.3~VDD+0.3
V
DO Pin Output Voltage
VDO
VSS-0.3~VSS+24
V
CO Pin Output Voltage
VCO
VSS-0.3~VSS+24
V
CTLC Pin Input Voltage
VCTLC
VDD-24~VDD+0.3
V
CTLD Pin Input Voltage
VCTLD
VDD-24~VDD+0.3
V
Power Dissipation (Note 2)
PD
700
mW
Operating Ambient Temperature
TOPR
-40~+85
°C
Storage Temperature
TSTG
-55~+125
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. When mounted on board Size: 114.3mm×76.2mm×1.6mm.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com