Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB240L-XX-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB240L-XX-S08-R
Description  LION BATTERY PROTECTION IC FOR 1-SERIAL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB240L-XX-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB240L-XX-S08-R Datasheet HTML 1Page - Unisonic Technologies UB240L-XX-S08-R Datasheet HTML 2Page - Unisonic Technologies UB240L-XX-S08-R Datasheet HTML 3Page - Unisonic Technologies UB240L-XX-S08-R Datasheet HTML 4Page - Unisonic Technologies UB240L-XX-S08-R Datasheet HTML 5Page - Unisonic Technologies UB240L-XX-S08-R Datasheet HTML 6Page - Unisonic Technologies UB240L-XX-S08-R Datasheet HTML 7Page - Unisonic Technologies UB240L-XX-S08-R Datasheet HTML 8Page - Unisonic Technologies UB240L-XX-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB240
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-A07.a
LION BATTERY PROTECTION
IC FOR 1-SERIAL TO
4-SERIAL-CELL PACK
(SECONDARY PROTECTION)
DESCRIPTION
The UTC UB240 Series is secondary protection IC for 1-, 2-,
3-, or 4-Cell lithium-ion rechargeable battery packs, and
incorporates a high-accuracy voltage detection circuit.
The UTC UB240 Series also includes a high accuracy delay
circuit for over voltage detection time can be set by an external
capacitor.
FEATURES
* High-accuracy voltage detection circuit for each cell
* Overcharge detection voltage n (n=1 to 4): 4.05V to 4.50V
(in 50mV steps)
* Overcharge hysteresis voltage n (n=1 to 4): 0.25V±0.07V,
0.30V±0.10V
* Delay times for overcharge detection can be set by an external
capacitor
* CMOS output active “H”
* Wide operating voltage range 3.6V to 24V
* Wide operating temperature range −40°C to +85°C
* Low current consumption: 1.5μA typ. (+25°C) at 3.5V for each
cell
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UB240L-xx-S08-R
UB240G-xx-S08-R
SOP-8
Reel Tape
UB240L-xx-S08-T
UB240G-xx-S08-T
SOP-8
Tube
UB240L-xx-P08-R
UB240G-xx-P08-R
TSSOP-8
Reel Tape


Similar Part No. - UB240L-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB240L-AA-S08-R UTC-UB240L-AA-S08-R Datasheet
231Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
UB240L-AB-S08-R UTC-UB240L-AB-S08-R Datasheet
231Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
UB240L-AC-S08-R UTC-UB240L-AC-S08-R Datasheet
231Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
UB240L-AD-S08-R UTC-UB240L-AD-S08-R Datasheet
231Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
UB240L-AE-S08-R UTC-UB240L-AE-S08-R Datasheet
231Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
More results

Similar Description - UB240L-XX-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB240 UTC-UB240 Datasheet
204Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
UB264A UTC-UB264A Datasheet
207Kb / 10P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8264A SII-S8264A Datasheet
716Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL
logo
Unisonic Technologies
UB264A UTC-UB264A_15 Datasheet
207Kb / 10P
LION BATTERY PROTECTION IC FOR 1-SERIAL
UB264B UTC-UB264B_15 Datasheet
195Kb / 10P
LION BATTERY PROTECTION IC FOR 1-SERIAL
logo
Seiko Instruments Inc
S-8264AAA-I8T1U SII-S-8264AAA-I8T1U Datasheet
2Mb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL
logo
Unisonic Technologies
UB240 UTC-UB240_17 Datasheet
231Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
UB264A UTC-UB264A_17 Datasheet
210Kb / 11P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com