Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB262XL-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB262XL-AG6-R
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB262XL-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UB262XL-AG6-R Datasheet HTML 1Page - Unisonic Technologies UB262XL-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB262XL-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB262XL-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB262XL-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB262XL-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB262XL-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB262XL-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB262XL-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UB262
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R502-A92.a
ABSOLUTE MAXIMUM RATING (VSS=0V, TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input Voltage Between VDD and VSS (Note 2)
VDD
VSS-0.3~VSS+12
V
OC Output Pin Voltage
VOC
VDD-20~VDD+0.3
V
DO Output Pin Voltage
VOD
VSS-0.3~VDD+0.3
V
CS Input Pin Voltage
VCS
VDD-20~VDD+0.3
V
Ambient Operating Temperature
TOPR
-40~+85
°С
Storage Temperature
TSTG
-40~+125
°С
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse (μsec) noise exceeding the above input voltage (VSS+12V) may cause damage to the IC.
ELECTRICAL CHARACTERISTICS (VSS=0V, TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSEMPTION
Supply Current
IOPE
VDD=3.9V, VCS=0V
3.0
6.0
μA
Power-Down Current
IPDN
VDD=VCS=2.0V
0.1
μA
OPERATING VOLTAGE
Operating Voltage Between VDD-pin
and VSS-pin
VDS1
1.5
8
V
Operating Voltage Between VDD-pin
and CS-pin
VDS2
1.5
20
V
DETECTION VOLTAGE
Overcharge Detection Voltage
VCU
VCU-0.050
VCU
VCU+0.050 V
Overcharge Release Voltage
VCL
VCL-0.050
VCL
VCL+0.050 V
Overdischarge Detection Voltage
VDL
VDL-0.100
VDL
VDL+0.100 V
Overdischarge Release Voltage
VDU
VDU-0.100
VDU
VDU+0.100 V
Over Current Detection Voltage
VDIOV VDD=3.6V
VDIOV-0.03 VDIOV VDIOV+0.03 V
Load Short Circuit Detection Voltage
VSHORT VDD=3.0V
0.55
0.85
1.15
V
Charger Detection Voltage
VCHA
VDU≠VDL
-0.3
V
0V BATTERY CHARGE VOLTAGE
0V Battery Charge Inhibition Battery
Voltage
V0INH
0.9
1.8
V
0V battery charge starting charger
voltage
V0CH
1.2
V
CONTROL OUTPUT VOLTAGE(OD&OC)
OD Pin Output “H” Voltage
VDH
VDD-0.1 VDD-0.02
-
V
OD Pin Output “L” Voltage
VDL
-
0.1
0.5
V
OC Pin Output “H” Voltage
CDH
VDD-0.1 VDD-0.02
-
V
OC Pin Output “L” Voltage
CDL
-
0.1
0.5
V
DELAY TIME
Overcharge Detection Delay Time
tCU
VDD=3.9V to 4.5V
50
100
150
ms
Overdischarge Detection Delay Time
tDL
VDD=3.6V to 2.0V
10
25
40
ms
Over Current Detection Delay Time
tIOV
VDD=3.6V
5
10
15
ms
Short Circuit Detection Delay Time
tSHORT VDD=3.0V
500
700
µs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com