Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB262XG-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB262XG-AG6-R
Description  1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB262XG-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB262XG-AG6-R Datasheet HTML 1Page - Unisonic Technologies UB262XG-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB262XG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB262XG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB262XG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB262XG-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB262XG-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB262XG-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB262XG-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB262
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-A92.a
1-CELL LITHIUM-ION/POLYMER
BATTERY PROTECTION IC
DESCRIPTION
The UTC UB262 is a series of lithium-ion / lithium-polymer
rechargeable battery protection ICs incorporating high accuracy
voltage detection circuits and delay circuits.
The UTC UB262 is suitable for protection of single cell lithium-ion /
lithium polymer battery packs from overcharge, over discharge and
over current.
The ultra-small package and less required external components
make it ideal to integrate the UTC UB262 into the limited space of
battery pack.
SOT-26
4
5
3
2
1
6
FEATURES
* High-accuracy voltage detection circuit
Overcharge detection voltage: 4.250~4.350V, Accuracy: ±50Mv
Overcharge release voltage: 4.050~4.150V, Accuracy: ±50mV
Overdischarge detection voltage: 2.30~2.90V, Accuracy: ±100mV
Overdischarge release voltage: 2.90~3.00V, Accuracy: ±100mV
Discharge overcurrent detection voltage: 150mV, Accuracy: ±30mV
Short-circuiting detection voltage: 0.85V (fixed), Accuracy: ±300mV
* Delay times are generated by an internal circuit (external capacitors are unnecessary)
Overcharge delay time: 100ms (typ.)
Overdischarge delay time: 25ms (typ.)
Discharg e overcurrent delay time: 10ms (typ.)
Short circuit delay time: 500μs (typ.)
* Low current consumption (Products with Power-down Function)
Operation mode: 3.0μA typ., 6.0μA max. (VDD=3.9V)
Ultra low power-down current: 0.1μA max. (VDD=2.0V)
* High-withstanding-voltage device is used for charger connection pins (CS pin and OC pin: Absolute maximum
rating=20V)
* 0 V battery charge function “available” / “unavailable” are selectable.
* Wide operating temperature range: -40°C~+85°C
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UB262xL-AG6-R
UB262xG-AG6-R
SOT-26
Tape Reel
Note: xx: Output Voltage, refer to Marking Information.


Similar Part No. - UB262XG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB261 UTC-UB261 Datasheet
191Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB261G-AA-AG6-R UTC-UB261G-AA-AG6-R Datasheet
192Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB261G-AA-AG6-R UTC-UB261G-AA-AG6-R Datasheet
191Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB261G-AB-AG6-R UTC-UB261G-AB-AG6-R Datasheet
192Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB261G-AB-AG6-R UTC-UB261G-AB-AG6-R Datasheet
191Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
More results

Similar Description - UB262XG-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB211C UTC-UB211C Datasheet
196Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB261 UTC-UB261 Datasheet
191Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB211C UTC-UB211C_15 Datasheet
210Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB261 UTC-UB261_15 Datasheet
192Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
E-CMOS Corporation
EC9523 E-CMOS-EC9523 Datasheet
846Kb / 10P
Single Cell Lithium-ion/Lithium-polymer Battery Protection IC
logo
Unisonic Technologies
UB211C UTC-UB211C_17 Datasheet
196Kb / 10P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
UB280 UTC-UB280 Datasheet
192Kb / 9P
1-CELL LITHIUM-ION/POLYMER BATTERY PROTECTION IC
logo
HYCON Technology Corpor...
HY2115 HYCON-HY2115 Datasheet
1Mb / 27P
1-cell lithium ion/lithium polymer battery protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
MM3783 MITSUMI-MM3783 Datasheet
73Kb / 7P
3 cell Lithium-ion/Lithium-polymer battery protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com