Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB264AL-P08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UB264AL-P08-R
Description  LION BATTERY PROTECTION IC FOR 1-SERIAL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB264AL-P08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UB264AL-P08-R Datasheet HTML 1Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 2Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 3Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 4Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 5Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 6Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 7Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 8Page - Unisonic Technologies UB264AL-P08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
UB264A
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 10
www.unisonic.com.tw
QW-R502-832.A
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1
VDD
Positive power input pin
2
SENSE
Positive voltage connection pin of battery 1
3
VC1
Negative voltage connection pin of battery 1
Positive voltage connection pin of battery 2
4
VC2
Negative voltage connection pin of battery 2
Positive voltage connection pin of battery 3
5
VC3
Negative voltage connection pin of battery 3
Positive voltage connection pin of battery 4
6
VSS
Negative power input pin
Negative voltage connection pin of battery 4
7
CTL
CO output control pin
8
CO
FET gate connection pin for charge
SERIAL CODE LIST
MODEL
CODE
OVERCHARGE
DETECTION
VOLTAGE
[VCU](V)
OVERCHARGE
HYSTERSIS
VOLTAGE
[VHC](V)
OVERCHARGE
DETECTION
DELAY TIME
[tCU](S)
OVERCHARGE
RELEASE
DELAY TIME
[tCL](mS)
OUTPUT
FORM
UB264A
AA
4.45±0.050
-0.39±0.16
4.0±1.0
60.0±20.0
CMOS output
active “H”
AB
4.35±0.050
-0.39±0.16
4.0±1.0
60.0±20.0
CMOS output
active “H”
AC
4.50±0.050
-0.39±0.16
4.0±1.0
60.0±20.0
CMOS output
active “H”
AD
4.35±0.050
-0.39±0.16
2.0±0.5
30.0±10.0
CMOS output
active “H”
AE
4.30±0.050
-0.39±0.16
4.0±1.0
60.0±20.0
CMOS output
active “H”
AF
4.45±0.050
-0.39±0.16
2.0±0.5
30.0±10.0
CMOS output
active “H”
AG
4.30±0.050
-0.39±0.16
2.0±0.5
30.0±10.0
CMOS output
active “H”
AH
4.40±0.050
-0.39±0.16
4.0±1.0
60.0±20.0
CMOS output
active “H”



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com