Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2012XG-S08-R Datasheet(PDF) 11 Page - Unisonic Technologies

Part # UB2012XG-S08-R
Description  ADVANCED LINEAR CHARGE MANAGEMENT IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2012XG-S08-R Datasheet(HTML) 11 Page - Unisonic Technologies

Back Button UB2012XG-S08-R Datasheet HTML 7Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 8Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 9Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 10Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 11Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 12Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 13Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 14Page - Unisonic Technologies UB2012XG-S08-R Datasheet HTML 15Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
UB2012
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
11 of 17
www.unisonic.com.tw
QW-R121-018 .D
APPLICATION INFORMATION(Cont.)
BATTERY TEMPERATURE MONITORING
The UTC UB2012 continuously monitors temperature by measuring the voltage between the TS and VSS pins.
A negative- or a positive-temperature coefficient thermistor (NTC, PTC) and an external voltage divider typically
develop this voltage. (See Fig. 9) The UTC UB2012 compares this voltage against its internal V(TS1) and V(TS2)
thresholds to determine if charging is allowed. (See Fig. 10) The temperature sensing circuit is immune to any
fluctuation in VCC, since both the external voltage divider and the internal thresholds (V(TS1) and V(TS2) ) are
referenced to VCC.
The resistor values of R(T1) and R(T2) are calculated by the following equations:
For NTC Thermistors:
)
R
R
(
×
3
R
×
R
×
5
=
R
TH
TC
TC
TH
1
T
-
(3)
)]
R
×
7
(
-
)
R
×
2
[(
R
×
R
×
5
=
R
TH
TC
TC
TH
2
T
(4)
For PTC Thermistors:
)
R
R
(
×
3
R
×
R
×
5
=
R
TC
TH
TC
TH
1
T
-
(5)
)]
R
×
7
(
-
)
R
×
2
[(
R
×
R
×
5
=
R
TC
TH
TC
TH
2
T
(6)
Where R(TC) is the cold temperature resistance and R(TH) is the hot temperature resistance of thermistor, as
specified by the thermistor manufacturer.
RT1 or RT2 can be omitted If only one temperature (hot or cold) setting is required. Applying a voltage between
the V(TS1) and V(TS2) thresholds to pin TS disables the temperature-sensing feature.
UTC
UB2012
SNS
BAT
VCC
TS
STAT
VSS
CC
COMP
BAT-
BAT+
RSNS
DC+
DC-
RT1
RT2
Thermistor
Fig. 7 Temperature Sensing Circuits
Fig. 8 UTC UB2012 TS Input Thresholds



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com