Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2016 Datasheet(PDF) 13 Page - Unisonic Technologies

Part # UB2016
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2016 Datasheet(HTML) 13 Page - Unisonic Technologies

Back Button UB2016_15 Datasheet HTML 5Page - Unisonic Technologies UB2016_15 Datasheet HTML 6Page - Unisonic Technologies UB2016_15 Datasheet HTML 7Page - Unisonic Technologies UB2016_15 Datasheet HTML 8Page - Unisonic Technologies UB2016_15 Datasheet HTML 9Page - Unisonic Technologies UB2016_15 Datasheet HTML 10Page - Unisonic Technologies UB2016_15 Datasheet HTML 11Page - Unisonic Technologies UB2016_15 Datasheet HTML 12Page - Unisonic Technologies UB2016_15 Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
UB2016
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
13 of 13
www.unisonic.com.tw
QW-R502-869.a
TYPICAL APPLICATION CIRCUIT(Cont.)
UTC
UB2016
PROG
BAT
VCC
2kΩ
+
Li-Ion
BATTERY
0.25Ω
1µF
GND
5V
500mA
Fig. 3 500mA Li-Ion Charger with External Power Dissipation
Fig. 4 Basic Li-Ion Charger with Reverse Polarity Input Protection
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com