Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB264BG-P08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB264BG-P08-R
Description  LION BATTERY PROTECTION IC FOR 1-SERIAL
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB264BG-P08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB264BG-P08-R Datasheet HTML 1Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 2Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 3Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 4Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 5Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 6Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 7Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 8Page - Unisonic Technologies UB264BG-P08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB264B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 10
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-833.A
LION BATTERY PROTECTION
IC FOR 2-SERIAL, 3-SERIAL,
OR 4-SERIAL-CELL PACK
(SECONDARY PROTECTION)
DESCRIPTION
The UTC UB264B Series is secondary protection IC for 2-, 3-, or
4-Cell lithium-ion rechargeable battery packs, and incorporates a
high-accuracy voltage detection circuit.
The UTC UB264B Series also includes a high accuracy delay
circuit for over voltage detection time without external capacitors.
FEATURES
*
High-accuracy voltage detection circuit for each cell
*
Overcharge detection voltage n (n=1 to 4): 4.30V to 4.80V (in
50mV steps)
*
Overcharge hysteresis voltage n (n=1 to 4): -0.52V±0.21V,
−0.39V±0.16V, −0.26V±0.11V, −0.13V±0.06V, None
*
Delay times for overcharge detection can be set by an internal
circuit without external capacitors
*
Output latch function after overcharge detection
*
CMOS output active “H”
*
Wide operating voltage range 3.6V to 24V
*
Wide operating temperature range −40°C to +85°C
*
Low current consumption: 2.5μA typ. (+25°C) at 3.5V for
each cell
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UB264BL-P08-R
UB264BG-P08-R
TSSOP-8
Tape Reel
Note: xx: SERIAL CODE, refer SERIAL CODE LIST.


Similar Part No. - UB264BG-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB264BG-P08-R UTC-UB264BG-P08-R Datasheet
195Kb / 10P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
More results

Similar Description - UB264BG-P08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB240 UTC-UB240 Datasheet
204Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL TO 4-SERIAL-CELL PACK
UB264A UTC-UB264A Datasheet
207Kb / 10P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
UB264B UTC-UB264B Datasheet
195Kb / 10P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL, OR 4-SERIAL-CELL PACK
logo
Seiko Instruments Inc
S8264A SII-S8264A Datasheet
716Kb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL
logo
Unisonic Technologies
UB240 UTC-UB240_15 Datasheet
204Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL
UB264A UTC-UB264A_15 Datasheet
207Kb / 10P
LION BATTERY PROTECTION IC FOR 1-SERIAL
logo
Seiko Instruments Inc
S-8264AAA-I8T1U SII-S-8264AAA-I8T1U Datasheet
2Mb / 36P
BATTERY PROTECTION IC FOR 2-SERIAL
logo
Unisonic Technologies
UB240 UTC-UB240_17 Datasheet
231Kb / 11P
LION BATTERY PROTECTION IC FOR 1-SERIAL 4-SERIAL-CELL PACK
UB264A UTC-UB264A_17 Datasheet
210Kb / 11P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL
UB264B UTC-UB264B_17 Datasheet
199Kb / 11P
LION BATTERY PROTECTION IC FOR 2-SERIAL, 3-SERIAL OR 4-SERIAL-CELL PACK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com