Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2016L-XX-AF5-R Datasheet(PDF) 12 Page - Unisonic Technologies

Part # UB2016L-XX-AF5-R
Description  ONE-CELL STANDALONE LINEAR LITHIUM BATTERY CHARGER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2016L-XX-AF5-R Datasheet(HTML) 12 Page - Unisonic Technologies

Back Button UB2016L-XX-AF5-R Datasheet HTML 5Page - Unisonic Technologies UB2016L-XX-AF5-R Datasheet HTML 6Page - Unisonic Technologies UB2016L-XX-AF5-R Datasheet HTML 7Page - Unisonic Technologies UB2016L-XX-AF5-R Datasheet HTML 8Page - Unisonic Technologies UB2016L-XX-AF5-R Datasheet HTML 9Page - Unisonic Technologies UB2016L-XX-AF5-R Datasheet HTML 10Page - Unisonic Technologies UB2016L-XX-AF5-R Datasheet HTML 11Page - Unisonic Technologies UB2016L-XX-AF5-R Datasheet HTML 12Page - Unisonic Technologies UB2016L-XX-AF5-R Datasheet HTML 13Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
UB2016
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
12 of 13
www.unisonic.com.tw
QW-R502-869.a
TYPICAL APPLICATION CIRCUIT
PROG
BAT
VCC
D1
MP1
1kΩ
5V WALL
ADAPTER
500mA ICHG
USB POWER
400mA ICHG
IBAT
MN1
1µF
+
Li-Ion
BATTERY
2.5kΩ
10kΩ
GND
100mA/
500mA
µC
UTC
UB2016
Fig. 1 USB/Wall Adapter Power Li-Ion Charger
UTC
UB2016
2kΩ
5V
1µF
GND
PROG
BAT
VCC
CHRG
330Ω
LED
MN1
+
Li-Ion
BATTERY
SHDN
Fig. 2 Full Featured Single Cell Li-Ion Charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com