Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UC5301G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UC5301G-S08-R
Description  SWITCHED-CAPACITOR VOLTAGE INVERTERS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UC5301G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UC5301G-S08-R Datasheet HTML 1Page - Unisonic Technologies UC5301G-S08-R Datasheet HTML 2Page - Unisonic Technologies UC5301G-S08-R Datasheet HTML 3Page - Unisonic Technologies UC5301G-S08-R Datasheet HTML 4Page - Unisonic Technologies UC5301G-S08-R Datasheet HTML 5Page - Unisonic Technologies UC5301G-S08-R Datasheet HTML 6Page - Unisonic Technologies UC5301G-S08-R Datasheet HTML 7Page - Unisonic Technologies UC5301G-S08-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UC5301
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-602.C
ABSOLUTE MAXIMUM RATING (TA=25°C unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
IN to GND Voltage
VIN
-0.3V ~ +5.5V
V
OUT to GND Voltage
VOUT
-5.5V ~ +0.3V
V
C1+ to GND Voltage
VC+
-0.3V ~ (VIN+0.3V)
V
C1- to GND Voltage
VC-
(VOUT -0.3V) ~ +0.3V
V
OUT Output Current
IOUT
100mA
mA
Operating Temperature
TOPR
-40°C ~ 85°C
°C
OUT Short Circuit to GND
Indifinite
Storage Temperature
TS
-65°C ~ 150°C
°C
Junction Temperature
TJ
150°C
°C
Notes: 1.Absolute maximum ratings are those values beyond which the device could be permanently damaged.
1.Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2.Human body model is a 100pF capacitor discharged through a 1.5kΩ resistor into each pin.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
C/W
ELECTRICAL CHARACTERISTICS
(VIN=+3.3V/5.0V, C1 = C2 = C3= 1µF, TA= -40 ~ 85°C unless otherwise specified. Typical values is at TA=25°C.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Input Voltage
VIN
RLOAD=10kΩ
1.8
5
V
Supply Current
IQ
VIN=+3.3V, TA=25°C
0.42
0.5
mA
VIN=+5.0V, TA=25°C
0.9
Charge Pump Frequency
FSW
VIN=3.3V
200
250
300
kHz
VIN=5.0V
260
Output Resistance (Note)
ROUT
VIN=3.3V, ILOAD=5mA
9
Ω
VIN=5.0V, ILOAD=5mA
9.5
Output Ripple
VRIPPLE
VIN=3.3V, ILOAD=5mA
13
mVP-P
VIN=3.3V, ILOAD=25mA
55
VIN=5.0V, ILOAD=5mA
23
VIN=5.0V, ILOAD=25mA
96
Voltage Conversion Efficiency
VIN=3.3V/5.0V No Load
99
%
Power Efficiency
VIN=3.3V, ILOAD=5mA
93
%
VIN=5.0V, ILOAD=10mA
90
%
Note: Capacitor contribution (ESR component plus (1/FSW)・C) is approximately 20% of output.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com