Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCD4015BL-P16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UCD4015BL-P16-R
Description  CMOS Dual 4-Stage Static Shift Register
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UCD4015BL-P16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UCD4015BL-P16-R Datasheet HTML 1Page - Unisonic Technologies UCD4015BL-P16-R Datasheet HTML 2Page - Unisonic Technologies UCD4015BL-P16-R Datasheet HTML 3Page - Unisonic Technologies UCD4015BL-P16-R Datasheet HTML 4Page - Unisonic Technologies UCD4015BL-P16-R Datasheet HTML 5Page - Unisonic Technologies UCD4015BL-P16-R Datasheet HTML 6Page - Unisonic Technologies UCD4015BL-P16-R Datasheet HTML 7Page - Unisonic Technologies UCD4015BL-P16-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UCD4015B
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 8
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R502-875.b
CMOS Dual 4-Stage Static
Shift Register
DESCRIPTION
UCD4015B
consists of two identical,independent,4-stage
serial-input/parallel-output
registers.
Each
register
has
independent CLOCK and RESET input as well as a single serial
DATA input. ”Q” outputs are available from each of the four
stages on both registers. All registers stages are D-type,
master-slave flip-flops. The logic level present at the DATA input
is transferred into the first register stage and shifted over one
stage at each positive-going clock transition. Resetting of all
stages is accomplished by a high level on the reset line. Register
expansion to 8 stages using one UCD4015 package or to more
than 8 stages using additional UCD4015’s is possible.
FEATURES
* 12MHz (typ.) clock rate at 10V
* Maximum input current of 1μA at 18V
* Fully static operation
* 8 master-slave flip-flops plus input and output buffering
APPLICATIONS
* General-purpose register
* Serial-input/parallel-output data queueing
* Serial to parallel data conversion
SOP-16
TSSOP-16
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UCD4015BL-S16-T
UCD4015BG-S16-T
SOP-16
Tube
UCD4015BL-S16-R
UCD4015BG-S16-R
SOP-16
Tape Reel
UCD4015BL-P16-T
UCD4015BG-P16-T
TSSOP-16
Tube
UCD4015BL-P16-R
UCD4015BG-P16-R
TSSOP-16
Tape Reel


Similar Part No. - UCD4015BL-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UCD4015BL-P16-R UTC-UCD4015BL-P16-R Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
More results

Similar Description - UCD4015BL-P16-R

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL4015B SLS-SL4015B Datasheet
39Kb / 5P
Dual 4-Stage Static Shift Register
logo
Intersil Corporation
CD4517BMS INTERSIL-CD4517BMS Datasheet
116Kb / 9P
CMOS Dual 64-Stage Static Shift Register
December 1992
logo
Texas Instruments
CD4015B TI-CD4015B Datasheet
521Kb / 11P
CMOS Dual 4-Stage Static Shift Register
logo
KODENSHI_AUK CORP.
KK4015B KODENSHI-KK4015B Datasheet
311Kb / 6P
Dual 4-Stage Static Shift Register
logo
Unisonic Technologies
UCD4015 UTC-UCD4015 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015B UTC-UCD4015B Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
UCD4015 UTC-UCD4015_15 Datasheet
229Kb / 8P
CMOS Dual 4-Stage Static Shift Register
logo
Texas Instruments
CD4015B TI1-CD4015B_15 Datasheet
884Kb / 15P
CMOS Dual 4-stage Static Shift Register
CD4517B TI1-CD4517B_09 Datasheet
414Kb / 9P
Cmos Dual 64-stage Static Shift Register
logo
Unisonic Technologies
UCD4015B UTC-UCD4015B_16 Datasheet
230Kb / 9P
CMOS DUAL 4-STAGE STATIC SHIFT REGISTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com