Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM601AG-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM601AG-S08-R
Description  VOLTAGE AND CURRENT CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM601AG-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM601AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UM601AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UM601AG-S08-R Datasheet HTML 3Page - Unisonic Technologies UM601AG-S08-R Datasheet HTML 4Page - Unisonic Technologies UM601AG-S08-R Datasheet HTML 5Page - Unisonic Technologies UM601AG-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UM601A
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R105-028.D
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
36
V
Output Current
IOUT
20
mA
Input Voltage
VIN
-0.3 ~ VCC-1.5
V
Input Current
IIN
±1
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
4.5 ~ 32
V
Ambient Operating Temperature
TOPR
-20 ~ +80
°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
130 ~ 200
°C/W
ELECTRICAL CHARACTERISTICS (VCC=15V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Total Supply Current
ICC
VCC=15V
2
mA
Input Voltage
VI
0
VCC-1.5
V
TA=25°C
-5
1
5
mV
Input Offset Voltage
VIO
TMIN.<TAMB.<TMAX.
-7
7
mV
25°C
-700
-300
0
nA
Input Bias Current
IIB
VIN=1.2V on pin 7
and VIN=0V on pin5 TMIN.<TA.<TMAX. -1000
0
nA
25°C
15
mA
Output Sink Current
ISINK
VOL=2.5 V
TMIN.<TA.<TMAX.
8
mA
Large Signal Voltage Gain
AVO
RL=2kΩ, TMIN.<TAMB.<TMAX.
15
V/mV
Supply Voltage Rejection Ratio
SVR
TMIN.<TAMB.<TMAX.
65
90
dB
Common Mode Rejection Ratio
CMR
TMIN.<TAMB.<TMAX.
80
dB
Gain Bandwidth Product
GBP
VCC=15V, F=100kHz, VIN=10mV,
RL=2kΩ, CL=100pF
1
MHZ
TA=25°C
2
μA
Output Leakage Current
IOH
TMIN.<TAMB.<TMAX.
7
μA
VOLTAGE REFERENCE
UM601A-1
1.227 1.240 1.252
V
Reference Voltage
UM601A-2
VREF
IOUT=1mA, TAMB=25°C
1.21
1.24
1.27
V
Temperature Stability
KVT
TMIN.<TAMB.<TMAX.
30
100 ppm/°C
Load Regulation
Reglo
1mA <IOUT<10mA
5
15
mV
Line Regulation
Regli
5V<VIN<32V
3.5
10
mV



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com