Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM604AG-S16-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM604AG-S16-R
Description  QUAD OPERATIONAL AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM604AG-S16-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM604AG-S16-R Datasheet HTML 1Page - Unisonic Technologies UM604AG-S16-R Datasheet HTML 2Page - Unisonic Technologies UM604AG-S16-R Datasheet HTML 3Page - Unisonic Technologies UM604AG-S16-R Datasheet HTML 4Page - Unisonic Technologies UM604AG-S16-R Datasheet HTML 5Page - Unisonic Technologies UM604AG-S16-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM604A
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1of 6
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R105-032.D
QUAD OPERATIONAL
AMPLIFIER AND
PROGRAMMABLE VOLTAGE
REFERENCE
DESCRIPTION
The UTC UM604A is a monolithic IC that includes four op-amps
and an adjustable shunt voltage reference. This device is offering
space and cost saving in many applications like power supply
management or data acquisition systems.
FEATURES
OPERATIONAL AMPLIFIER
* Low supply current : 375μA/op. (@ VCC= 5 V)
* Low input bias current : 20nA
* Medium speed : 0.9MHz
* Low input offset voltage : 0.5mV typ for UM604
* Wide power supply range: ±1.5 ~ ±15V
VOLTAGE REFERENCE
* Adjustable output voltage : VREF to 36V
* Reference voltage tolerance
UM604A-1: ±0.4%
UM604A-2: ±1%
* Sink current capability : 1 ~ 100mA
* Typical output impedance : 0.2Ω
DIP-16
SOP-16
ORDERING INFORMATION
Ordering Number
Lead Free
Halogen Free
Package
Packing
UM604AL-D16-T
UM604AG-D16-T
DIP-16
Tube
-
UM604AG-S16-R
SOP-16
Tape Reel
MARKING
DIP-16
SOP-16


Similar Part No. - UM604AG-S16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM604AG-S16-R UTC-UM604AG-S16-R Datasheet
187Kb / 6P
QUAD OPERATIONAL AMPLIFIER AND PROGRAMMABLE VOLTAGE REFERENCE
More results

Similar Description - UM604AG-S16-R

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2058 NJRC-NJM2058 Datasheet
226Kb / 6P
QUAD OPERATIONAL AMPLIFIER
NJM2060 NJRC-NJM2060 Datasheet
231Kb / 6P
QUAD OPERATIONAL AMPLIFIER?
NJM2112 NJRC-NJM2112 Datasheet
218Kb / 5P
QUAD OPERATIONAL AMPLIFIER
logo
Rohm
BA14741 ROHM-BA14741 Datasheet
50Kb / 4P
Quad operational amplifier
logo
fujitsu semiconductor
MB3614 FUJITSU-MB3614 Datasheet
89Kb / 7P
QUAD OPERATIONAL AMPLIFIER
logo
Hitachi Semiconductor
HA17301P HITACHI-HA17301P Datasheet
61Kb / 14P
Quad Operational Amplifier
HA17474 HITACHI-HA17474 Datasheet
31Kb / 5P
Quad Operational Amplifier
logo
Renesas Technology Corp
HA17324A RENESAS-HA17324A Datasheet
104Kb / 8P
Quad Operational Amplifier
logo
First Silicon Co., Ltd
FA324P FS-FA324P Datasheet
124Kb / 4P
QUAD OPERATIONAL AMPLIFIER
logo
Silicon Supplies
LM324A SS-LM324A Datasheet
1Mb / 6P
Quad Operational Amplifier
Rev 1.0 16/06/18
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com