Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM606XL-AG6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UM606XL-AG6-R
Description  CONSTANT VOLTAGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM606XL-AG6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UM606XL-AG6-R Datasheet HTML 1Page - Unisonic Technologies UM606XL-AG6-R Datasheet HTML 2Page - Unisonic Technologies UM606XL-AG6-R Datasheet HTML 3Page - Unisonic Technologies UM606XL-AG6-R Datasheet HTML 4Page - Unisonic Technologies UM606XL-AG6-R Datasheet HTML 5Page - Unisonic Technologies UM606XL-AG6-R Datasheet HTML 6Page - Unisonic Technologies UM606XL-AG6-R Datasheet HTML 7Page - Unisonic Technologies UM606XL-AG6-R Datasheet HTML 8Page - Unisonic Technologies UM606XL-AG6-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
UM606
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R105-034.F
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VCC
20
V
Input Voltage
VIN
-0.3 ~ VCC
V
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-40~+105
°C
Storage Temperature
TSTG
-65 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
250
°C/W
Junction to Case
θJC
92
°C/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
2.5 ~ 18
V
ELECTRICAL CHARACTERISTICS (VCC=5V, TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Reference Voltage
VREF
UM606
1.198
1.21
1.222
V
UM606D
1.186
1.21
1.234
Current Control Loop Reference
VSENSE
IOUT=2.5mA
UM606
196
200
204
mV
UM606D
66.5
70
73.5
Low Output Voltage
VOL
@10mA Sinking Current
UM606
200
mV
UM606D
100
Total Supply Current
ICC
VCC=5V
UM606
0.6
1.2
mA
UM606D
0.5
1.0
Input Bias Current
IIB
50
nA
Current Out of Pin ICTRL
IIBI
@-200mV
UM606
25
μA
UM606D
18
Output Short Circuit Current.
IOS
Output to VCC. Sink Current Only
27
50
mA
Transconduction Gain (VCTRL)
Gmv
Sink Current Only
1
3.5
mA/mV
Transconduction Gain (ICTRL).
Gmi
1.5
7
mA/mV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com