Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM607XG-AG6-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UM607XG-AG6-R
Description  BATTERY CHARGER AND ADAPTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM607XG-AG6-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UM607XG-AG6-R Datasheet HTML 1Page - Unisonic Technologies UM607XG-AG6-R Datasheet HTML 2Page - Unisonic Technologies UM607XG-AG6-R Datasheet HTML 3Page - Unisonic Technologies UM607XG-AG6-R Datasheet HTML 4Page - Unisonic Technologies UM607XG-AG6-R Datasheet HTML 5Page - Unisonic Technologies UM607XG-AG6-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UM607
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R105-037.C
TYPICAL CHARACTERISTICS
0.5
0.55
0.6
0.65
0.7
0.75
0.85
0.8
0.9
-35 -25 -15 -5 5 15 25 35 45 55 65 75 85
Supply Current vs. Ambient Tempreture
VIN=12V
VIN=5V
VIN=2.2V
Ambient Temperature, Ta (°C)
-35 -15
5
25 45 65 85
Input Bias Current vs.
Ambient Tempreture
Ambient Temperature, Ta (°C)
0
20
40
60
80
100
120
-50
105
Supply Voltage, VCC (V)
Supply Current vs. Supply Voltage
Photo Coupler, VPC (V)
PC Terminal Current vs. Photo Coupler
16
0
0.2
0.4
0.6
0.8
1.0
1.2
2
4
6
8
10 12 14
0
0
15
30
45
60
75
90
2
4
6
8 10
12 14
0
16
-35
-15
5
254565
85
Ambient Temperature, TA ( C)
VREF_A (mV) vs. Ambient Tempreture
-35
-15
5
254565
85
Ambient Temperature, TA ( C)
1.225
1.230
1.235
1.240
1.245
1.250
VREF_B (V) vs. Ambient Tempreture
67
68
69
70
71
72
73
C
C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com