Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM608G-R10-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UM608G-R10-R
Description  CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UM608G-R10-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UM608G-R10-R Datasheet HTML 1Page - Unisonic Technologies UM608G-R10-R Datasheet HTML 2Page - Unisonic Technologies UM608G-R10-R Datasheet HTML 3Page - Unisonic Technologies UM608G-R10-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UM608
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R105-043.E
CONSTANT VOLTAGE AND
CONSTANT CURRENT
CONTROLLER FOR BATTERY
CHARGERS
DESCRIPTION
The UTC UM608 is a highly integrated solution for a constant
voltage/constant current mode SMPS application.
The UTC UM608 contains one 2.5V voltage reference, one
operational amplifier for voltage control loop, one operational
amplifier for current control loop and two operational amplifiers for
charge status. It is suitable for battery charger and other battery
systems.
FEATURES
* Constant Voltage and Constant Current Control
* Precision Internal Voltage Reference
* Few External Components
* Easy Compensation
* Charge status output for LED
* build-in overvoltage protection for battery
ORDERING INFORMATION
Ordering Number
Package
Packing
UM608G-R10-R
SSOP-10
Tape Reel
UM608G-SM2-R
MSOP-10
Tape Reel
(1) R: Tape Reel
(2) R10: SSOP-10, SM2: MSOP-10
(3) G: Halogen Free and Lead Free
UM608G-R10-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING


Similar Part No. - UM608G-R10-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UM608G-R10-R UTC-UM608G-R10-R Datasheet
221Kb / 4P
CONTROLLER FOR BATTERY CHARGERS
UM608G-R10-R UTC-UM608G-R10-R Datasheet
226Kb / 4P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
More results

Similar Description - UM608G-R10-R

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP4313 BCDSEMI-AP4313_07 Datasheet
216Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4305 BCDSEMI-AP4305_07 Datasheet
218Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Seaward Electronics Inc...
SE1052 SEAWARD-SE1052 Datasheet
288Kb / 8P
Constant Voltage and Constant Current Controller
logo
BCD Semiconductor Manuf...
AP4305 BCDSEMI-AP4305_10 Datasheet
693Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4306 BCDSEMI-AP4306 Datasheet
705Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
AP4313 BCDSEMI-AP4313_10 Datasheet
685Kb / 12P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
logo
Diodes Incorporated
AP4312Q DIODES-AP4312Q Datasheet
562Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 4
AP4305 DIODES-AP4305 Datasheet
451Kb / 10P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4306 DIODES-AP4306 Datasheet
369Kb / 11P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
AP4313 DIODES-AP4313 Datasheet
359Kb / 9P
CONSTANT VOLTAGE AND CONSTANT CURRENT CONTROLLER
Rev 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com