Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USL3633 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # USL3633
Description  NON-ISOLATED BUCK OFFLINE LED DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USL3633 Datasheet(HTML) 3 Page - Unisonic Technologies

  USL3633 Datasheet HTML 1Page - Unisonic Technologies USL3633 Datasheet HTML 2Page - Unisonic Technologies USL3633 Datasheet HTML 3Page - Unisonic Technologies USL3633 Datasheet HTML 4Page - Unisonic Technologies USL3633 Datasheet HTML 5Page - Unisonic Technologies USL3633 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
USL3633
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R103-097.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
VCC Pin Maximum Sink Current
ICC_MAX
5
mA
Internal HV MOSFET Drain Voltage
DRAIN
-0.3~600
V
Current Sense Pin Input Voltage
CS
-0.3~6
V
Over-Voltage Setting Pin Voltage
ROVP
-0.3~6
V
Power Dissipation
PD
0.45
W
Junction Temperature
TJ
-40~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
RECOMMENDED OPERATION CONDITIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Output LED Current @ VOUT=72V
(Input Voltage 176V~265V)
ILED1
280
mA
Output LED Current @ VOUT=36V
(Input Voltage 176V~265V)
ILED2
350
mA
Minimum LED Loading Voltage
VLED min
>15
V
THERMAL RESISTANCES CHARACTERISTICS
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient
θJA
145
°C/W
ELECTRICAL CHARACTERISTICS (Notes 1, 2) (Unless otherwise specified, VCC=14V and TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Supply Voltage Section
VCC Clamp Voltage
VCC_CLAMP 1mA
16.8
V
VCC Turn On Threshold
VCC_ON
VCC Rising
13.8
V
VCC Turn Off Threshold
VCC_UVLO VCC Falling
9
V
VCC Startup Current
IST
VCC= VCC-ON - 1V
160
250
µA
VCC Operating Current
IOP
FOP=70KHz
200
300
µA
Current Sense Section
Threshold Voltage for Peak Current Limit
VCS_peak
390
400
410
mV
Threshold Voltage for Peak Current Limit When
Output Short
VCS_SHORT Output Short
200
mV
Leading Edge Blanking Time for Current Sense
TLEB
350
ns
Switch Off Delay Time
TDELAY
200
ns
Internal Time Control Section
Minimum OFF Time
TOFF_MIN
4.5
µs
Maximum OFF Time
TOFF_MAX
240
µs
Maximum On Time
TON_MAX
35
µs
ROVP Pin Voltage
VROVP
0.5
V
MOSFET Section
Static Drain-source On-resistance
RDS_ON
VGS=15V/IDS=0.4A
5
Ω
Drain-Source Breakdown Voltage
BVDSS
VGS=0V/IDS=250µA
600
V
Power MOSFET Drain Leakage Current
IDSS
VGS=0V/VDS=600V
1
µA
Thermal Regulation Section
Thermal Regulation Temperature
TREG
150
°C
Notes: 1. Production testing of the chip is performed at 25°C.
2. The maximum and minimum parameters specified are guaranteed by test, the typical value are guaranteed
by design, characterization and statistical analysis.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com