Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR1051L-SH2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # USR1051L-SH2-R
Description  3 A SYNCHRONOUS BUCK REGULATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR1051L-SH2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  USR1051L-SH2-R Datasheet HTML 1Page - Unisonic Technologies USR1051L-SH2-R Datasheet HTML 2Page - Unisonic Technologies USR1051L-SH2-R Datasheet HTML 3Page - Unisonic Technologies USR1051L-SH2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
USR1051
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R103-065.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
23
V
LX to AGND
-0.7~VIN+0.3
V
LX to AGND (20ns)
-5~22
V
EN to AGND
-0.3~VIN+0.3
V
FB, SS, COMP to AGND
-0.3~6.0
V
PGND to AGND
-0.3~+0.3
V
Ambient Temperature
TA
-40~+85
°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-65~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
Junction to Ambient (Note 2)
θJA
50
°C/W
RECOMMENDED OPERATING CONDIIONS
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VIN
5~23
V
Output Voltage
VOUT
0.8~0.85×VIN
V
ELECTRICAL CHARACTERISTICS (Note 3)
(TA=25°C, VIN=VEN=12V, VOUT=3.3V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Supply Voltage
VIN
5
23
V
Supply Current (Quiescent)
IIN
IOUT=0, VFB=1.2V, VEN>2V
3.5
5
mA
Shutdown Supply Current
IOFF
VEN=0V
1
10
µA
Feedback Voltage
VFB
TA=25 °C
0.788
0.8
0.812
V
Load Regulation
0.5
%
Line Regulation
1
%
Feedback Voltage Input Current
IFB
200
nA
Off Threshold
0.6
V
EN Input Threshold
VEN
On Threshold
2
V
SS Time
CSS=16nF
2
ms
MODULATOR
Frequency
fO
380
450
550
kHz
Maximum Duty Cycle
DMAX
85
%
Controllable Minimum On Time
TMIN
150
ns
Current Sense Transconductance
7
A/V
Error Amplifier Transconductance
180
µA/V
PROTECTION
Current Limit
3.5
4.5
A
TJ Rising
150
°C
Over-Temperature Shutdown Limit
TJ Falling
100
°C
Notes: 1. Devices are inherently ESD sensitive, handling precautions are required. Human body model rating: 1.5
kΩ in series with 100pF.
2. The value of θJA is measured with the device mounted on a 1-in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The value in any given application depends on the user’s specific board
design.
3. Specification in BOLD indicate an ambient temperature range of -40°C~+85°C. These specifications are
guaranteed by design.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com