Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR1101G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # USR1101G-S08-R
Description  5V/12V SYNCHRONOUS BUCK PWM DC-DC CONTROLLER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR1101G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  USR1101G-S08-R Datasheet HTML 1Page - Unisonic Technologies USR1101G-S08-R Datasheet HTML 2Page - Unisonic Technologies USR1101G-S08-R Datasheet HTML 3Page - Unisonic Technologies USR1101G-S08-R Datasheet HTML 4Page - Unisonic Technologies USR1101G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USR1101
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
QW-R103-062.b
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
16
V
Power Dissipation (TA=25°C) (Note 1)
PD
0.625
W
Storage Temperature
TSTG
-65~150
°C
Junction Temperature
TJ
150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
°С/W
RECOMMENDED OPERATING CONDITIONS (Note 2)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
5±5%,12±10%
V
Ambient Temperature
TA
0~70
°C
Junction Temperature
TJ
0~125
°C
Notes: 1. θJA is measured in the natural convection at TA=25°C on a low effective thermal conductivity test board of
JEDEC 51-3 thermal measurement standard.
2. The device is not guaranteed to function outside its operating conditions.
ELECTRICAL CHARACTERISTICS (VCC=5V/12V, TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VCC Supply Current
Nominal Supply Current
ICC
UGATE and LGATE Open
6
15
mA
Power-On Reset
POR Threshold
VCCRTH
VCC Rising
4.1
4.5
V
Hysteresis
VCCHYS
0.35
0.5
V
Switcher Reference
Reference Voltage
VREF
VCC=12V
0.784
0.8
0.816
V
Oscillator
Free Running Frequency
fOSC
VCC=12V
250
300
350
kHz
Ramp Amplitude
∆VOSC
VCC=12V
1.5
VP-P
PWM Controller Gate Drivers (VCC=12V)
Dead Time
TDT
100
ns
Protection
FB Under-Voltage Trip
∆FBUVT
FB Falling
70
75
80
%
OC Current Source
IOC
40
45
μA
Soft-Start Interval
TSS
2.5
ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com