Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USR3651SG-S08-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # USR3651SG-S08-R
Description  HIGH PRECISION CC/CV PRIMARY-SIDE PWM POWER SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

USR3651SG-S08-R Datasheet(HTML) 5 Page - Unisonic Technologies

  USR3651SG-S08-R Datasheet HTML 1Page - Unisonic Technologies USR3651SG-S08-R Datasheet HTML 2Page - Unisonic Technologies USR3651SG-S08-R Datasheet HTML 3Page - Unisonic Technologies USR3651SG-S08-R Datasheet HTML 4Page - Unisonic Technologies USR3651SG-S08-R Datasheet HTML 5Page - Unisonic Technologies USR3651SG-S08-R Datasheet HTML 6Page - Unisonic Technologies USR3651SG-S08-R Datasheet HTML 7Page - Unisonic Technologies USR3651SG-S08-R Datasheet HTML 8Page - Unisonic Technologies USR3651SG-S08-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
USR3651S
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 9
www.unisonic.com.tw
QW-R103-085.b
ELECTRICAL CHARACTERISTICS (TA=25°C, VDD=15V, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
STARTUP SECTION
Startup Voltage
Vst
VDD<VTH(ON)
25
V
Startup Current
Ist
VDD<VTH(ON)
700
uA
SUPPLY SECTION
Turn-on Threshold Voltage
VTH(ON)
13.5 14.5
16
V
Turn-off Threshold Voltage
VTH(OFF)
8.2
9
10.5
V
VDD OVP Protection
VDD_OVP
28
V
Operating Current
IDD-OP
1.6
2
mA
Green-Mode Operating Current
IDD-GREEN
1.3
mA
OSCILLATOR SECTION
Maximum Frequency
fOSC
55
65
75
kHz
Minimum Frequency at CCM
fOSC-CM-MIN
17
kHz
Minimum Frequency at No-load
fOSC-N-MIN
300
Hz
Frequency Hopping Range
△
f/freq
±5.0
%
Frequency Hopping Period
tFHR
3
ms
INV SECTION
Reference Voltage for EA
VVR
1.97 2.00 2.03
V
Reference Voltage for CCM
VVR_CCM
0.5
V
Max. Cable Compensation Current
ICABLE_MAX
37
uA
CURRENT SENSE SECTION
Current Sense Threshold Voltage
VCS
870
900
930
mV
OCP Propagation Delay
tD_OC
90
200
nS
Leading Edge Blank Time
tLEB
900
nS
Soft Start Time
tSS
10
mS
POWER MOSFET SECTION
MOSFET DS Breakdown Voltage
BVDSS
600
V
On Resistance
RDS(ON)
11
15
Ω
OTP SECTION
Threshold Temperature of OTP (Note)
TOTP
+140
°C
Note: When the over-temperature protection is activated, the power system enters auto restart mode and output is
disabled.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com