Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTC812G-X-AE2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTC812G-X-AE2-R
Description  MICROPROCESSOR RESET IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTC812G-X-AE2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTC812G-X-AE2-R Datasheet HTML 1Page - Unisonic Technologies UTC812G-X-AE2-R Datasheet HTML 2Page - Unisonic Technologies UTC812G-X-AE2-R Datasheet HTML 3Page - Unisonic Technologies UTC812G-X-AE2-R Datasheet HTML 4Page - Unisonic Technologies UTC812G-X-AE2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UTC812
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 5
www.unisonic.com.tw
Ver.A
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Terminal Voltage (with respect to GND)
VCC
-0.3~6.0
V
RESET, RESET (push-pull)
-0.3~(VCC+0.3)
V
Input Current
VCC
20
mA
Output Current, RESET, RESET
20
mA
Junction Temperature
TJ
150
°C
Operating Temperature
TOPR
-40~105
°C
Storage Temperature
TSTG
-65~150
°C
Notes: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
420
°C/W
ELECTRICAL CHARACTERISTICS (Note 1) (TA = 25℃, VCC= 3.3V, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC Range
1.0
5.5
V
Supply Current
ICC
VCC<3.6V
10
23
μA
Reset Threshold
VTH
3.03
3.08
3.12
V
Reset Threshold Tempco
40
ppm/°C
VCC to Reset Delay (Note 2)
VCC= VTH to (VTH– 100mV)
7
μs
Reset Active Timeout Period
VCC= VTH max
150
550
ms
RESET Output Current High
(push-pull active low)
IOH
VCC= 3.3V, VRESET = 2.8V
3
mA
Notes:1. Production testing done at TA = +25°C; limits over temperature guaranteed by design



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com