Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU4793L-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UU4793L-S08-R
Description  OVERLOAD MONITORING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU4793L-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UU4793L-S08-R Datasheet HTML 1Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 2Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 3Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 4Page - Unisonic Technologies UU4793L-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UU4793
Preliminary
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R121-022.a
ABSOLUTE MAXIMUM RATING
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
Pin 2, 7
VS
16.5
V
Current Consumption
(
t =2ms, measured at Pin 1 (GND))
Pin 1
I1
1.5
A
Output Current
Pin 3, 5
I3,5
20
mA
Input Voltage (reference point Pin 7) Pin 4, 6
-V4, 6
6
V
Power Dissipation
TA= 95°C
PD
360
mW
TA= 60 °C
560
Ambient Temperature
TA
-40 ~ +95
°C
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +125
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
160
K/W
ELECTRICAL CHARACTERISTICS (VS = 9~15 V, TA = -40~+95 °C, fig. 1, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
PIN
MIN
TYP
MAX
UNIT
Supply Voltage
VS
2, 7
9
15
V
Internal Z-Diode Z2
VZ
2
20
V
Current Consumption
I1
VS=12V measured at Pin 1
(GND)
1
4.5
6
mA
Output Saturation Voltage
VSAT
VS= 9V, I3, 5=10mA, TA= 25°C
3, 5
0.5
V
Output Z-Diodes Z3, Z5
VZ
3, 5
21
V
Control Signal Threshold
-VT
I3, 5= 1mA, TA= 25°C
4, 6
43
44.5
46
mV
Temperature
Coefficient
of
Control Signal Threshold
TC
15
μV/K
Threshold Voltage
V8
Switch identification
8
0.6 VS
V
Input Currents
II
4, 6
100
nA
8
5
μA
Delay Time
tD(ON)
Switch-on High to low
3, 5
6
μs
tD(OFF)
Switch-off Low to high
30
μs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com