Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UU4793G-S08-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UU4793G-S08-R
Description  OVERLOAD MONITORING
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UU4793G-S08-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UU4793G-S08-R Datasheet HTML 1Page - Unisonic Technologies UU4793G-S08-R Datasheet HTML 2Page - Unisonic Technologies UU4793G-S08-R Datasheet HTML 3Page - Unisonic Technologies UU4793G-S08-R Datasheet HTML 4Page - Unisonic Technologies UU4793G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UU4793
Preliminary
LINEAR INTEGRATED CIRCUIT
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R121-022.a
OVERLOAD MONITORING
WITH RESISTIVE LOAD,
VT = 44.5 mV
DESCRIPTION
The UTC UU4793 is a bipolar integrated circuit designed for
monitoring over loading or short circuit in automotive or industrial
applications. The threshold VT is 44.5 mV and V4, 6=VS-VT. VT is not
dependent of the power supply voltage VS. If the voltage
developed across shunt resistor RSH exceeds VT, IC turns on the
output, or else turns off the output.
The output is turned off when input switch Pin 8 is open or there
is a lack of power supply voltage. The output breakdown voltage is
decided by the Z-diodes Z3 and Z5 which have a typical value of
VZ = 22 V.
A not used of the comparator input have to be connected to
Pin 7.
FEATURES
* Two common reference comparators
* Tight threshold tolerance
* Constant threshold
* Output with NPN
* 8 kV - ESD protection
* Protection of reverse polarity
* Load-dump protection
ORDERING INFORMATION
Ordering Number
Package
Packing
Lead Free
Halogen Free
UU4793L-S08-R
UU4793G-S08-R
SOP-8
Tape Reel
UU4793L-S08-T
UU4793G-S08-T
SOP-8
Tube


Similar Part No. - UU4793G-S08-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU4793G-S08-R UTC-UU4793G-S08-R Datasheet
191Kb / 5P
OVERLOAD MONITORING WITH RESISTIVE LOAD, VT = 44.5 mV
UU4793G-S08-R UTC-UU4793G-S08-R Datasheet
191Kb / 5P
LINEAR INTEGRATED CIRCUIT
UU4793G-S08-R UTC-UU4793G-S08-R Datasheet
148Kb / 5P
OVERLOAD MONITORING WITH RESISTIVE LOAD
More results

Similar Description - UU4793G-S08-R

ManufacturerPart #DatasheetDescription
logo
Winbond
W83782D WINBOND-W83782D Datasheet
387Kb / 44P
MONITORING IC
logo
TEMIC Semiconductors
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
Overload Monitoring with Resistive Load, VT = 44.5 mV
U4793B TEMIC-U4793B Datasheet
79Kb / 5P
Overload Monitoring with Resistive Load, VT = 44.5 mV
logo
List of Unclassifed Man...
DFB01CM24 ETC2-DFB01CM24 Datasheet
112Kb / 3P
Monitoring Relays Frequency Monitoring
logo
Thinking Electronic Ind...
PPD08120MP6B2 THINKING-PPD08120MP6B2 Datasheet
384Kb / 17P
Overload Protection
logo
Unisonic Technologies
UU4793 UTC-UU4793 Datasheet
191Kb / 5P
OVERLOAD MONITORING WITH RESISTIVE LOAD, VT = 44.5 mV
logo
Infineon Technologies A...
BTS307 INFINEON-BTS307_13 Datasheet
374Kb / 12P
Overload protection
2013-10-10
logo
PHOENIX CONTACT
EMD-BL-PTC PHOENIX-EMD-BL-PTC Datasheet
138Kb / 5P
Electronic monitoring relay for temperature monitoring
logo
Unisonic Technologies
UU4793 UTC-UU4793_17 Datasheet
148Kb / 5P
OVERLOAD MONITORING WITH RESISTIVE LOAD
logo
OSRAM GmbH
SFH7015 OSRAM-SFH7015 Datasheet
1Mb / 18P
Health Monitoring (Heart Rate Monitoring,
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com