Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX843C/D Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX843C/D
Description  Low-Noise, Regulated, -2V GaAsFET Bias
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX843C/D Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX843C/D Datasheet HTML 1Page - Maxim Integrated Products MAX843C/D Datasheet HTML 2Page - Maxim Integrated Products MAX843C/D Datasheet HTML 3Page - Maxim Integrated Products MAX843C/D Datasheet HTML 4Page - Maxim Integrated Products MAX843C/D Datasheet HTML 5Page - Maxim Integrated Products MAX843C/D Datasheet HTML 6Page - Maxim Integrated Products MAX843C/D Datasheet HTML 7Page - Maxim Integrated Products MAX843C/D Datasheet HTML 8Page - Maxim Integrated Products MAX843C/D Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Low-Noise, Regulated, -2V GaAsFET Bias
_______________________________________________________________________________________
3
-2.040
010
OUTPUT VOLTAGE
vs. OUTPUT CURRENT
-2.050
OUTPUT CURRENT (mA)
6
-2.070
-2.060
24
8
13
5
7
9
-2.040
OUTPUT VOLTAGE vs. INPUT VOLTAGE
OVER TEMPERATURE
-2.050
-2.045
INPUT VOLTAGE (V)
-2.065
-2.060
-2.055
10
6
24
8
35
79
TA = +85°C
TA = +25°C
TA = -40°C
20
0
10
MAXIMUM OUTPUT CURRENT
vs. INPUT VOLTAGE
60
40
INPUT VOLTAGE (V)
6
120
100
80
24
8
357
9
VOUT < -1.95V
(CIRCUIT OF FIG 2a)
VOUT < -1.95V
(CIRCUIT OF FIG 2d)
VOUT < 2mVp-p RIPPLE
(CIRCUIT OF FIG 2d)
VOUT < 2mVp-p RIPPLE
(CIRCUIT OF FIG 2a)
High-current operation not
recommended for extended
periods of time.
0
10
N0-LOAD SUPPLY CURRENT
vs. INPUT VOLTAGE
2
1
INPUT VOLTAGE (V)
6
5
4
3
24
8
35
79
0
10
NEGOUT CURRENT vs. INPUT VOLTAGE
10
5
INPUT VOLTAGE (V)
6
30
25
20
15
24
8
35
79
VNEGOUT = 0.9 x VNEGOUT(NO LOAD)
SHUTDOWN
(MAX844)
0
SUPPLY CURRENT vs. TEMPERATURE
3
2
1
TEMPERATURE (°C)
40
7
6
5
4
-40
0
80
-20
20
60
100
VIN = 10V
VIN = 3.6V
0.4
START-UP TIME vs. INPUT VOLTAGE
1.6
1.2
0.8
INPUT VOLTAGE (V)
6
2.8
2.4
2.0
24
8
3
579
10
__________________________________________Typical Operating Characteristics
(Circuit of Figure 2a, VIN = 3.6V, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com