Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX845ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX845ESA
Description  Isolated Transformer Driver for PCMCIA Applications
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX845ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX845ESA Datasheet HTML 1Page - Maxim Integrated Products MAX845ESA Datasheet HTML 2Page - Maxim Integrated Products MAX845ESA Datasheet HTML 3Page - Maxim Integrated Products MAX845ESA Datasheet HTML 4Page - Maxim Integrated Products MAX845ESA Datasheet HTML 5Page - Maxim Integrated Products MAX845ESA Datasheet HTML 6Page - Maxim Integrated Products MAX845ESA Datasheet HTML 7Page - Maxim Integrated Products MAX845ESA Datasheet HTML 8Page - Maxim Integrated Products MAX845ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Isolated Transformer Driver
for PCMCIA Applications
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = 5V ±10%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Operating supply current is the current used by the MAX845 only. Load current is not included.
Note 2: Shutdown supply current includes output switch leakage currents.
Supply Voltage (VCC) ...............................................-0.3V to +7V
Control Input Voltage (SD, FS) ...................-0.3V to (VCC + 0.3V)
Peak Output Switch Current (D1, D2) ......................................1A
Output Switch Voltage (D1, D2) .............................................12V
Average Output Switch Current (D1, D2) .........................200mA
Continuous Power Dissipation (TA = +70°C)
SO (derate 5.88mW/°C above +70°C) .........................471mW
µMAX (derate 4.10mW/°C above +70°C) ....................330mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +160°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10sec) .............................+300°C
FS = VCC = 5.5V
FS = VCC = 4.5V
D1, D2; 100mA
Low
FS = VCC
FS = 0V
High
SD = VCC
FS = 0V, VCC = 4.5V
FS = 0V, VCC = 5.5V
Low
No load, SD = 0V, FS = VCC
High
CONDITIONS
V
2.5
2.2
µA
10
FS Input Current
50
V
0.8
FS Input Threshold
2.4
550
860
1100
450
675
900
Ω
1.5
4.0
Switch On-Resistance
pA
10
Shutdown Input Leakage Current
V
0.8
Shutdown Input Threshold
2.4
µA
0.4
Shutdown Supply Current (Note 2)
500
kHz
575
Switch Frequency
mA
1.1
5.0
Operating Supply Current (Note 1)
UNITS
MIN
TYP
MAX
PARAMETER
Minimum Start-Up Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com