Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB2421G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UB2421G-AG6-R
Description  ONE CELL LITHIUM-ION POLYMER BATTERY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB2421G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UB2421G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UB2421G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UB2421G-AG6-R Datasheet HTML 3Page - Unisonic Technologies UB2421G-AG6-R Datasheet HTML 4Page - Unisonic Technologies UB2421G-AG6-R Datasheet HTML 5Page - Unisonic Technologies UB2421G-AG6-R Datasheet HTML 6Page - Unisonic Technologies UB2421G-AG6-R Datasheet HTML 7Page - Unisonic Technologies UB2421G-AG6-R Datasheet HTML 8Page - Unisonic Technologies UB2421G-AG6-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UB2421
Preliminary
CMOS IC
www.unisonic.com.tw
1 of 11
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-321.e
ORDERING INFORMATION
Ordering Number
Package
Packing
UB2421G-AG6-R
SOT-26
Tape Reel
MARKING
ONE CELL LITHIUM-ION /
POLYMER BATTERY
PROTECTION IC
DESCRIPTION
UTC UB2421 is a lithium-ion / lithium-polymer rechargeable
battery protection IC incorporating high accuracy voltage detection
circuits and delay circuits.
It is suitable for protection of single cell lithium-ion / lithium
polymer battery packs from overcharge, over discharge and over
current.
The tiny package required external few components make the
UTC UB2421 be able to be applied to space limited battery pack.
FEATURES
* Wide supply voltage range:
VDD=1.8V~9.0V
* Ultra-low quiescent Current:
IDD=3.0μA (VDD=3.9V)
* Ultra-low power-down Current: IPD=0.1μA (VDD=2.0V)
* Overcharge detection voltage: VOCU=4.30V±0.05V
* Overcharge release voltage:
VOCR=4.10V±0.05V
* Overdischarge release voltage: VODL=2.40V±0.10V
* Overdischarge release voltage: VODR=3.00V±0.10V
* Over current detection voltage: VOI1=0.15V±0.03V
* Short circuit detection voltage: VOI2=1.35V (Fixed)
* Charger detection voltage:
VCH=-0.7V
* Delay times are generated by an internal circuit.
(External capacitors are unnecessary.)


Similar Part No. - UB2421G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UB2421G-AG6-R UTC-UB2421G-AG6-R Datasheet
249Kb / 11P
ONE CELL LITHIUM-ION POLYMER BATTERY PROTECTION IC
More results

Similar Description - UB2421G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UW01+ UTC-UW01+ Datasheet
233Kb / 11P
ONE CELL LITHIUM-ION POLYMER BATTERY PROTECTION IC
logo
ACE Technology Co., LTD...
ACEDW01 ACE-ACEDW01 Datasheet
1Mb / 19P
One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
logo
Fortune Semiconductor C...
DW01X FORTUNE-DW01X Datasheet
876Kb / 19P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Shenzhen Huazhimei Semi...
HM5436D HMSEMI-HM5436D Datasheet
2Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9904G HMSEMI-HM9904G Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
One-cell lithium-ion/lithium-polymer battery protection IC
logo
Shenzhen Huazhimei Semi...
HM5451 HMSEMI-HM5451 Datasheet
2Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5436A HMSEMI-HM5436A Datasheet
1Mb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
HM5406 HMSEMI-HM5406 Datasheet
671Kb / 6P
One Cell Lithium-ion/Polymer Battery Protection IC
HM9902C HMSEMI-HM9902C Datasheet
595Kb / 11P
One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com