Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UB24205G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UB24205G-S08-R
Description  LITHIUM-ION/POLYMER BATTERY PROTECTION IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UB24205G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UB24205G-S08-R Datasheet HTML 1Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 2Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 3Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 4Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 5Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 6Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 7Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 8Page - Unisonic Technologies UB24205G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
UB24205
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 10
www.unisonic.com.tw
QW-R121-019.a
ABSOLUTE MAXIMUM RATING (VSS=0V, Ta=25°С, unless otherwise specified)
ELECTRICAL CHARACTERISTICS (VSS=0V, Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Input voltage between VDD and VSS (Note2)
VDD
VSS -0.3 ~ VSS +12
V
CSI input pin voltage
VCSI
VDD -15 ~ VDD+0.3
V
BATN input pin voltage
VBATN
VDD -15 ~ VDD +0.3
V
Operating Temperature
TORP
-40 ~ +85
°C
Storage Temperature
TSTG
-40 ~ +125
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse (μsec) noise exceeding the above input voltage (VSS+12V) may cause damage to the IC.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT CONSEMPTION
Supply Current
IDD
VDD=3.9V
3.0
6.0
μA
Power-Down Current
IPD
VDD=2.0V
0.1
μA
OPERATING VOLTAGE
Operating Input Voltage
VDS1
VDD-VSS
1.8
9.0
V
DETECTION VOLTAGE
Overcharge Detection Voltage
VOCU
4.200
4.250
4.300
V
Overcharge Release Voltage
VOCR
4.005
4.055
4.105
V
Overdischarge Detection Voltage
VODL
2.150
2.250
2.350
V
Overdischarge Release Voltage
VODR
2.750
2.850
2.950
V
Over Current Detection Voltage
VOI1
0.120
0.150
0.180
V
Short Circuit Detection Voltage
VOI2
VDD=3.0V
1.0
1.35
1.75
V
Reset Resistance For Over Current
Protection
RSHORT
VDD=3.6V
350
500
650
kΩ
Charger Detection Voltage
VCH
-1.2
-0.7
-0.2
V
DELAY TIME
Overcharge Detection Delay Time
TOC
VDD=3.6V ~ 4.5V
0.7
1.3
1.9
S
Overdischarge Detection Delay Time
TOD
VDD=3.6V ~ 2.0V
100
180
260
mS
Over Current Detection Delay Time
TOI1
VDD=3.0V
5
10
20
mS
Short Circuit Detection Delay Time
TOI2
VDD=3.0V
5
10
65
µS
MOSFET
VGS=0V, IDS=1μA
20.0
V
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, IDS=250μA
20.6
V
VGS=0V, VDS=20.0V
1
μA
Drain-Source Leakage Current
IDSS
VGS=0V, VDS=20.6V
250
μA
VGS=VDS, IDS=1μA
0.6
1.4
V
Gate Threshold Voltage
VTH
VGS=VDS, IDS=250μA
0.6
1.4
V
VGS=2.5V, IDS=3A
45
mΩ
VGS=4.5V, IDS=1A
35
mΩ
Equivalent Drain-Source
On-Resistance
RDS(ON)
VGS=4.5V, IDS=3A
33
mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com