Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-1.4-CW-HWR-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-1.4-CW-HWR-RPS
Description  Custom colors and terminations for volume OEMs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-1.4-CW-HWR-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-1.4-CW-HWR-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical VSWR
™
ANT-1.4-CW-HWR-xxx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
HWR Series 1/2-wave center-fed dipole antennas deliver
outstanding performance in a rugged and cosmetically
attractive package. The articulating base allows the
antenna to tilt 90 degrees and rotate 360 degrees. The
antenna's internal counterpoise eliminates external ground
plane dependence and maximizes performance. HWR
Series antennas attach via a standard SMA or Part 15
compliant RP-SMA connector. Custom colors and
connectors are available for volume OEM customers.
5.59”
(142.0)
1.02”
(26.0)
0.32”
(8.2)
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
0.39”
(10.0)
4.57”
(116.0)
CENTER 1.400GHz
SPAN 200.000MHz
S11 SWR
1.324
Polar Plot & Gain Information
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-27-10
• Internal counterpoise
• Low cost
• Tilts and rotates
• Omni-directional pattern
• Outstanding VSWR
• Rugged & damage-resistant
• Standard SMA or Part 15 compliant RP-SMA connector
• Custom colors and terminations for volume OEMs
• Internal O-ring seal on connector
• Center Freq.
1.4GHz
• Recmd. Freq. Range
1.35-1.45GHz
• Wavelength
1/2-wave
• VSWR
<2.0 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or SMA
• ANT-1.4-CW-HWR-RPS (with RP-SMA connector)
• ANT-1.4-CW-HWR-SMA (with SMA connector)


Similar Part No. - ANT-1.4-CW-HWR-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-1.4-CW-HWR-RPS LINX-ANT-1.4-CW-HWR-RPS Datasheet
391Kb / 2P
Rugged & damage-resistant
8/1/2017
More results

Similar Description - ANT-1.4-CW-HWR-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-HWR-RPS ETC2-ANT-2.4-CW-HWR-RPS Datasheet
137Kb / 1P
Custom colors and terminations for volume OEMs
ANT-315-CW-HW ETC2-ANT-315-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-315-CW-HWR-RPS ETC2-ANT-315-CW-HWR-RPS Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
ANT-418-CW-HWR-RPS ETC2-ANT-418-CW-HWR-RPS Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
ANT-433-CW-HW ETC2-ANT-433-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-418-CW-HW ETC2-ANT-418-CW-HW Datasheet
162Kb / 1P
Custom colors and terminations for volume OEMs
ANT-433-CW-HWR-XXX ETC2-ANT-433-CW-HWR-XXX Datasheet
98Kb / 1P
Custom colors and terminations for volume OEMs
logo
PHOENIX CONTACT
0803275 PHOENIX-0803275 Datasheet
59Kb / 3P
A wide range of marker sizes and colors are available for custom designs
logo
Linx Technologies
ANT-418-WRT-RPS LINX-ANT-418-WRT-RPS Datasheet
406Kb / 2P
connectors and custom colors are available for volume OEM customers.
12/9/13
OTX-ACC-RTR-32-LD LINX-OTX-ACC-RTR-32-LD Datasheet
336Kb / 1P
Custom options available for high volume orders
12/14/12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com