Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-2.4-CW-CT-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-2.4-CW-CT-RPS
Description  Standard SMA or Part 15 compliant RP-SMA connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-2.4-CW-CT-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-2.4-CW-CT-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical VSWR
ANT-2.4-CW-CT-xxx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
The CT Series 1/2-wave 2.4GHz antenna delivers
outstanding performance in a rugged and cosmetically-
attractive package. The antenna’s internal counterpoise
eliminates external ground plane dependence and
maximizes performance. CT Series antennas attach
using a standard SMA or Part 15 compliant RP-SMA
connector, though alternate connectors and custom
colors are available for volume OEM customers.
0.35”
(9.0)
0.39”
(10.0)
0.79”
(20.0)
3.31”
(84.0)
4.44”
(113.0)
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
CENTER 2450.000MHz
SPAN 200.000MHz
S11 SWR
1.113
VSWR Graph
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-22-08
• Internal counterpoise
• Excellent performance
• Omni-directional pattern
• Very low VSWR
• Fully weatherized
• Rugged and damage-resistant
• Standard SMA or Part 15 compliant RP-SMA connector
• Center Freq. 2.45GHz
• Bandwidth
150MHz
• Wavelength
1/2-wave
• VSWR
<1.9 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or SMA
• ANT-2.4-CW-CT-RPS (with RP-SMA connector)
• ANT-2.4-CW-CT-SMA (with SMA connector)


Similar Part No. - ANT-2.4-CW-CT-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-2.4-CW-CT LINX-ANT-2.4-CW-CT Datasheet
350Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/22/13
More results

Similar Description - ANT-2.4-CW-CT-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-RCT-RP ETC2-ANT-2.4-CW-RCT-RP Datasheet
144Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-CW-QW ETC2-ANT-418-CW-QW Datasheet
329Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-MHW-RPS-L ETC2-ANT-418-MHW-RPS-L Datasheet
162Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-HW ETC2-ANT-868-CW-HW Datasheet
161Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-QW ETC2-ANT-868-CW-QW Datasheet
575Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-433-MHW-RPS-L ETC2-ANT-433-MHW-RPS-L Datasheet
163Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-DB1-RAF-RPS ETC2-ANT-DB1-RAF-RPS Datasheet
3Mb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-CT LINX-ANT-2.4-CW-CT Datasheet
350Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/22/13
ANT-315-CW-HW LINX-ANT-315-CW-HW Datasheet
321Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/18/13
ANT-315-CW-HWR-RPS LINX-ANT-315-CW-HWR-RPS Datasheet
404Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
8/1/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com