Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-2.4-CW-QW-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-2.4-CW-QW-RPS
Description  SMA or Part 15 compliant RP-SMA connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-2.4-CW-QW-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-2.4-CW-QW-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
™
ANT-2.4-CW-QW DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
4.13”
(105.0)
0.53”
(13.5)
0.20”
(5.0)
0.31”
(7.8)
0.25”
(6.4)
End View
0.57”
(14.5)
Rev 05-20-10
Typical VSWR
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
VSWR Graph
CW Series 1/2-wave antennas deliver outstanding
performance in a rugged and cosmetically attractive
package.
The
internal
ground
reference
reduces
dependance on an external ground plane. These antennas
are available with standard SMA or FCC Part 15 compliant
RP-SMA connectors. RP-SMA connectors allow for easy
field replacement while complying with FCC requirements. A
wide variety of matching connectors permit numerous
mounting options.
· Low cost
· Excellent performance
· Omni-directional pattern
· Wide bandwidth
· Very low VSWR
· Fully weatherized
· Flexible main shaft
· Rugged & damage-resistant
· SMA or Part 15 compliant RP-SMA connector
· Use with plastic or metal enclosures
· Center Freq.
2.45GHz
· Recommended Freq. Range
2.35-2.60GHz
· Wavelength
1/2-wave
· VSWR
<1.9 typ. at center
· Impedance
50 ohms
· Connector
SMA or RP-SMA
· ANT-2.4-CW-QW-RPS (with RP-SMA connector)
· ANT-2.4-CW-QW-SMA (with SMA connector)
CENTER 2450.000MHz
SPAN 200.000MHz
S11 SWR
1.545


Similar Part No. - ANT-2.4-CW-QW-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-2.4-CW-QW-RPS LINX-ANT-2.4-CW-QW-RPS Datasheet
364Kb / 2P
Rugged & damage-resistant
12/9/13
More results

Similar Description - ANT-2.4-CW-QW-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-RCS ETC2-ANT-2.4-CW-RCS Datasheet
153Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-2.4-CW-RH ETC2-ANT-2.4-CW-RH Datasheet
127Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-315-CW-RCS ETC2-ANT-315-CW-RCS Datasheet
131Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-315-CW-RH ETC2-ANT-315-CW-RH Datasheet
130Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-RCS ETC2-ANT-868-CW-RCS Datasheet
174Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-418-CW-RCS ETC2-ANT-418-CW-RCS Datasheet
131Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-418-CW-RH ETC2-ANT-418-CW-RH Datasheet
130Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-916-CW-QW ETC2-ANT-916-CW-QW Datasheet
597Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-916-CW-RH ETC2-ANT-916-CW-RH Datasheet
153Kb / 1P
SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-RCS LINX-ANT-2.4-CW-RCS Datasheet
367Kb / 2P
SMA or Part 15 compliant RP-SMA connector
1/15/15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com