Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-2.4-CW-RAH-RPS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-2.4-CW-RAH-RPS
Description  Part 15 compliant RP-SMA connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-2.4-CW-RAH-RPS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-2.4-CW-RAH-RPS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
VSWR Graph
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-22-08
ANT-2.4-CW-RAH-xxx DATA SHEET
Product Dimensions
Description
The RAH Series utilizes a helical element to
greatly reduce the physical length of the antenna
housing. They are ideal for products requiring an
ultra-compact, aesthetically pleasing antenna in a
right-angle form factor. Despite their tiny size, they
are ruggedly constructed and able to withstand
punishing environments just like our larger whips.
The antennas attach via a Part 15 compliant RP-
SMA connector. The 2.45GHz version is also
available with a standard SMA connector.
0.31”
(8.0)
0.73”
(18.6)
0.28”
(7.0)
0.29”
(7.4)
0.67”
(17.1)
Typical VSWR
CENTER 2 450.000MHz
SPAN 200.000MHz
S11 SWR
1.375
Features
Electrical Specifications
Ordering Information
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
* Requires proximity ground plane
• Low cost
• Ultra-compact
• Right-angle mount
• Excellent performance
• Omni-directional pattern
• Fully weatherized
• Flexible main shaft
• Rugged & damage-resistant
• Part 15 compliant RP-SMA connector
• Use with plastic* or metal enclosures
• Center Freq. 2.45GHz
• Bandwidth
300MHz
• Wavelength
1/4-wave
• VSWR
<2.0 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or SMA
• ANT-2.4-CW-RAH-RPS (with RP-SMA connector)
• ANT-2.4-CW-RAH-SMA (with SMA connector)


Similar Part No. - ANT-2.4-CW-RAH-RPS

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-2.4-CW-RAH-RPS LINX-ANT-2.4-CW-RAH-RPS Datasheet
390Kb / 2P
Rugged & damage-resistant
12/4/13
More results

Similar Description - ANT-2.4-CW-RAH-RPS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-RCL ETC2-ANT-2.4-CW-RCL Datasheet
154Kb / 1P
Part 15 compliant RP-SMA connector
ANT-2.4-CW-RH ETC2-ANT-2.4-CW-RH Datasheet
127Kb / 1P
SMA or Part 15 compliant RP-SMA connector
ANT-418-CW-HD ETC2-ANT-418-CW-HD Datasheet
154Kb / 1P
Part 15 compliant RP-SMA connector
ANT-433-CW-HD ETC2-ANT-433-CW-HD Datasheet
154Kb / 1P
Part 15 compliant RP-SMA connector
ANT-433-CW-RAH ETC2-ANT-433-CW-RAH Datasheet
130Kb / 1P
Part 15 compliant RP-SMA connector
ANT-868-CW-HD ETC2-ANT-868-CW-HD Datasheet
152Kb / 1P
Part 15 compliant RP-SMA connector
ANT-868-CW-RAH ETC2-ANT-868-CW-RAH Datasheet
124Kb / 1P
Part 15 compliant RP-SMA connector
ANT-916-CW-HD ETC2-ANT-916-CW-HD Datasheet
152Kb / 1P
Part 15 compliant RP-SMA connector
ANT-916-CW-RCL ETC2-ANT-916-CW-RCL Datasheet
152Kb / 1P
Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-315-CW-RAH LINX-ANT-315-CW-RAH Datasheet
380Kb / 2P
Part 15 compliant RP-SMA connector
12/4/13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com