Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-2.4-CW-RCTA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-2.4-CW-RCTA
Description  Frequency Range 2400~2483.5 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-2.4-CW-RCTA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-2.4-CW-RCTA Datasheet HTML 1Page - List of Unclassifed Manufacturers ANT-2.4-CW-RCTA Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
 
ANTENNA SPECIFICATIONS 
ANT‐2.4‐CW‐RCTA 
1. ELECTRICAL SPECIFICATIONS 
ITEMS 
SPECIFICATIONS 
REMARKS 
Type of Antenna 
1/2λ Dipole Ant. 
 
Frequency Range 
2400~2483.5 MHz 
Single Band 
Nominal Impedance 
50 Ohms 
 
V.S.W.R 
1.9 : 1 (max.) 
 
Gain 
2 dBi 
 
Radiation 
Omni‐directional 
 
Polarization 
Vertical 
 
 
 
2. MECHANICAL SPECIFICATIONS 
ITEMS 
SPECIFICATIONS 
REMARKS 
Length 
124 ± 2.0 mm 
 
Connector 
SMA 
RP‐SMA available 
Radiator 
Copper 
 
Weight 
12g 
 
www.antennafactor.com


Similar Part No. - ANT-2.4-CW-RCTA

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-2.4-CW-RCT LINX-ANT-2.4-CW-RCT Datasheet
378Kb / 2P
Omni-directional pattern
1/13/14
logo
List of Unclassifed Man...
ANT-2.4-CW-RCT-RP ETC2-ANT-2.4-CW-RCT-RP Datasheet
144Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-RCT-RP LINX-ANT-2.4-CW-RCT-RP Datasheet
378Kb / 2P
Omni-directional pattern
1/13/14
logo
List of Unclassifed Man...
ANT-2.4-CW-RCT-SS ETC2-ANT-2.4-CW-RCT-SS Datasheet
144Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-RCT-SS LINX-ANT-2.4-CW-RCT-SS Datasheet
378Kb / 2P
Omni-directional pattern
1/13/14
More results

Similar Description - ANT-2.4-CW-RCTA

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51017 PASTERNACK-PE51017 Datasheet
49Kb / 1P
Omni Antenna, 2400 . 2483.5 MHz, 8dB
PE51018 PASTERNACK-PE51018 Datasheet
50Kb / 1P
Rubber Duck Antenna, 2400 . 2483.5 MHz, 2dB
logo
WALSIN TECHNOLOGY CORPO...
RFLPF10052G5W0T WALSIN-RFLPF10052G5W0T Datasheet
628Kb / 7P
2400~2700 MHz Working Frequency
SF11092350B4005T WALSIN-SF11092350B4005T Datasheet
1Mb / 8P
2300~2400 MHz Band Working Frequency
SF14112350B4001T WALSIN-SF14112350B4001T Datasheet
647Kb / 8P
2300~2400 MHz Band Working Frequency
SF14112450A03T WALSIN-SF14112450A03T Datasheet
625Kb / 8P
2400~2500 MHz Band Working Frequency
logo
TE Connectivity Ltd
1513164-1 TEC-1513164-1 Datasheet
1Mb / 2P
2400 ??2483.5 & 5150 ??5875 MHz Dual Band Antenna
1513431-1 TEC-1513431-1 Datasheet
797Kb / 5P
2400-2483.5 MHz SINGLE BAND ANTENNA
2118788-1 TEC-2118788-1 Datasheet
403Kb / 5P
2400-2483.5 & 4900-5875 MHz DUAL BAND STAMPED ANTENNA
1513353-1 TEC-1513353-1 Datasheet
868Kb / 2P
2400 ??2483.5 MHz Single Band Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com