Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ANT-2.4-CW-RCT-RP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ANT-2.4-CW-RCT-RP
Description  Standard SMA or Part 15 compliant RP-SMA connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ANT-2.4-CW-RCT-RP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ANT-2.4-CW-RCT-RP Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Typical VSWR
ANT-2.4-CW-RCT-xx DATA SHEET
Product Dimensions
Description
Features
Electrical Specifications
Ordering Information
The RCT Series 1/2-wave antenna delivers outstanding
performance with an innovative articulating base that
allows it to tilt 90° and rotate 360° for optimum
orientation.
The
antenna’s
internal
counterpoise
eliminates external ground plane dependence and
maximizes performance. The RCT attaches via a
standard SMA or Part 15 compliant RP-SMA connector.
0.35”
(9.0)
0.39”
(10.0)
0.33”
(8.4)
3.76”
(95.6)
0.20”
(5.1)
1.10”
(28.0)
4.44”
(113.0)
Electrical specifications and plots measured on 4.00” x 4.00” reference ground plane
CENTER 2 450.000MHz
SPAN 200.000MHz
S11 SWR
1.033
VSWR Graph
Antenna Factor 159 Ort Lane Merlin, OR 97532 www.antennafactor.com
541-956-0931 (phone) 541-471-6251 (fax)
Rev 07-22-08
• Internal counterpoise
• Tilts and rotates
• Excellent performance
• Omni-directional pattern
• Very low VSWR
• Fully weatherized
• Rugged and damage-resistant
• Standard SMA or Part 15 compliant RP-SMA connector
• Center Freq. 2.45GHz
• Bandwidth
120MHz
• Wavelength
1/2-wave
• VSWR
<1.9 typ. at center
• Impedance
50 ohms
• Connector
RP-SMA or SMA
• ANT-2.4-CW-RCT-RP (with RP-SMA connector)
• ANT-2.4-CW-RCT-SS (with SMA connector)


Similar Part No. - ANT-2.4-CW-RCT-RP

ManufacturerPart #DatasheetDescription
logo
Linx Technologies
ANT-2.4-CW-RCT-RP LINX-ANT-2.4-CW-RCT-RP Datasheet
378Kb / 2P
Omni-directional pattern
1/13/14
More results

Similar Description - ANT-2.4-CW-RCT-RP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ANT-2.4-CW-CT-RPS ETC2-ANT-2.4-CW-CT-RPS Datasheet
144Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-CW-QW ETC2-ANT-418-CW-QW Datasheet
329Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-418-MHW-RPS-L ETC2-ANT-418-MHW-RPS-L Datasheet
162Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-HW ETC2-ANT-868-CW-HW Datasheet
161Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-868-CW-QW ETC2-ANT-868-CW-QW Datasheet
575Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-433-MHW-RPS-L ETC2-ANT-433-MHW-RPS-L Datasheet
163Kb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
ANT-DB1-RAF-RPS ETC2-ANT-DB1-RAF-RPS Datasheet
3Mb / 1P
Standard SMA or Part 15 compliant RP-SMA connector
logo
Linx Technologies
ANT-2.4-CW-CT LINX-ANT-2.4-CW-CT Datasheet
350Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/22/13
ANT-315-CW-HW LINX-ANT-315-CW-HW Datasheet
321Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
11/18/13
ANT-315-CW-HWR-RPS LINX-ANT-315-CW-HWR-RPS Datasheet
404Kb / 2P
Standard SMA or Part 15 compliant RP-SMA connector
8/1/2017
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com