Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX877ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX877ESA
Description  5V/3.3V/3V/Adjustable-Output, Step-Up/Step-Down DC-DC Converters
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX877ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX877ESA Datasheet HTML 1Page - Maxim Integrated Products MAX877ESA Datasheet HTML 2Page - Maxim Integrated Products MAX877ESA Datasheet HTML 3Page - Maxim Integrated Products MAX877ESA Datasheet HTML 4Page - Maxim Integrated Products MAX877ESA Datasheet HTML 5Page - Maxim Integrated Products MAX877ESA Datasheet HTML 6Page - Maxim Integrated Products MAX877ESA Datasheet HTML 7Page - Maxim Integrated Products MAX877ESA Datasheet HTML 8Page - Maxim Integrated Products MAX877ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
5V/3.3V/3V/Adjustable-Output,
Step-Up/Step-Down DC-DC Converters
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (IN to PGND) .......................................0V to +7V
Output Short-Circuit Duration to PGND, AGND (Note 1)....30sec
Voltage Applied to:
LX (switch off).......................................................-0.3V to +7V
(switch on) ...................................30sec short to IN or OUT
OUT,
–
S
—
H
—
D
—
N...........................................................-0.3V to +7V
FB ..........................................................-0.3V to (OUT + 0.3V)
AGND to PGND ........................................................-0.3V, +0.3V
Reverse Battery Current....................................................900mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 9.09mW/°C above +70°C) ............727mW
SO (derate 5.88mW/°C above +70°C) .........................471mW
CERDIP (derate 8.00mW/°C above +70°C) .................640mW
Operating Temperature Ranges:
MAX87_C_A ........................................................0°C to +70°C
MAX87_E_A .....................................................-40°C to +85°C
MAX87_MJA ..................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = 2.7V, ILOAD = 0mA, LX = 22µH, COUT = 100µF,
–
S
—
H
—
D
—
N and ILIM connected to IN, AGND connected to PGND,
TA = TMIN to TMAX, typical values are at TA = +25°C, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
PARAMETER
SEL = 0V
CONDITIONS
MIN
TYP
MAX
Output Voltage
(MAX879 set to
3.3V)
(Note 3)
V
UNITS
MAX878/MAX879 (VOUT = 3.3V), ILOAD = 100mA, VIN = 2.5V
MAX877/MAX879 (VOUT = 5V), ILOAD = 100mA, VIN = 4V
MAX879, ILOAD = 0mA (Note 4)
SEL = Open
0V <
–
S
—
H
—
D
—
N
–
< VIN
VIN <
–
S
—
H
—
D
—
N
–
< 5V
–
S
—
H
—
D
—
N
–
= 0V
20
35
µA
Efficiency
MAX87_C, MAX87_E
Output Voltage Range
–
S
—
H
—
D
—
N
–
Bias Current
MAX87_M
Maximum Operating Voltage
(Notes 2, 3)
6.2
V
Shutdown Supply Current
15
100
nA
Output Voltage
(MAX879 set to 5V)
(Note 3)
MAX877C/MAX879C: 0mA
≤ ILOAD ≤ 240mA,
2.7V
≤ VIN ≤ 6.2V;
MAX877E/MAX879E: 0mA
≤ ILOAD ≤ 220mA,
2.7V
≤ VIN ≤ 6.2V;
MAX877M/MAX879M: 0mA
≤ ILOAD ≤ 180mA,
2.7V
≤ VIN ≤ 6.2V
4.80
5.00
5.20
V
MAX878C/MAX879C: 0mA
≤ ILOAD ≤ 210mA,
1.8V
≤ VIN ≤ 6.2V;
MAX878E/MAX879E: 0mA
≤ ILOAD ≤ 200mA,
1.8V
≤ VIN ≤ 6.2V;
MAX878M/MAX879M: 0mA
≤ ILOAD ≤ 180mA,
1.8V
≤ VIN ≤ 6.2V
3.17
3.30
3.43
12
40
µA
ILOAD = 0mA, TA = +25°C
1
2.88
3.00
3.12
MAX877/MAX879 (VOUT = 5V), 0mA < ILOAD < 180mA,
TA = +25°C
2.5
2.5
6.0
V
Minimum Start-Up Voltage
(Notes 2, 6)
85
MAX878/MAX879 (VOUT = 3.3V), 0mA < ILOAD < 120mA,
TA = +25°C
1.5
V
MAX878C: 0mA
≤ ILOAD ≤ 210mA, 1.8V ≤ VIN ≤ 6.2V;
MAX878E: 0mA
≤ ILOAD ≤ 200mA, 1.8V ≤ VIN ≤ 6.2V;
MAX878M: 0mA
≤ ILOAD ≤ 180mA, 1.8V ≤ VIN ≤ 6.2V
82
%
No-Load Supply Current
ILOAD = 0mA (switch off)
195
310
µA
20
30
Note 1: The output may be shorted to ground continuously if the package power dissipation is not exceeded.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com