Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PVT422PBF Datasheet(PDF) 1 Page - International Rectifier

Part # PVT422PBF
Description  HEXFET Power MOSFET output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVT422PBF Datasheet(HTML) 1 Page - International Rectifier

  PVT422PBF Datasheet HTML 1Page - International Rectifier PVT422PBF Datasheet HTML 2Page - International Rectifier PVT422PBF Datasheet HTML 3Page - International Rectifier PVT422PBF Datasheet HTML 4Page - International Rectifier PVT422PBF Datasheet HTML 5Page - International Rectifier PVT422PBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
General Description
The PVT422 Series Photovoltaic Relay is a dual-
pole, normally open solid-state relay that can replace
electromechanical relays in many applications. It
utilizes International Rectifier’s HEXFET power
MOSFET as the output switch, driven by an integrated
circuit photovoltaic generator of novel construction.
The output switch is controlled by radiation from a
GaAlAs light emitting diode (LED) which is optically
isolated from the photovoltaic generator.
Series PVT422 Relays are packaged in an 8-pin,
molded DIP package with either thru-hole or surface
mount (gull-wing) terminals. It is available in standard
plastic shipping tubes or on tape-and-reel. Please
refer to Part Identification information opposite.
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Applications
On/Off Hook switch
Dial-Out relay
Ring injection relay
General switching
Part Identification
PVT422PbF
thru-hole
PVT422SPbF
surface-mount
PVT422S-TPbF surface-mount,
Tape and Reel
Features
HEXFET Power MOSFET output
Bounce-free operation
4,000 VRMS I/O isolation
Linear AC/DC operation
Solid-State Reliability
UL recognized and BABT certified
Microelectronic Power IC
HEXFET® Power MOSFET Photovoltaic Relay
Dual Pole, Normally Open, 0-400V, 120mA AC /DC
Series PVT422PbF
1
www.irf.com © 2015 International Rectifier
Submit Datasheet Feedback
June 02, 2015


Similar Part No. - PVT422PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVT422PBF IRF-PVT422PBF Datasheet
1Mb / 5P
HEXFET짰 Power MOSFET Photovoltaic Relay Dual Pole, Normally Open 0-400V, 120mA AC/DC
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
More results

Similar Description - PVT422PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4321PBF IRF-IRFB4321PBF Datasheet
283Kb / 8P
HEXFET Power MOSFET
IRFBE30SPBF IRF-IRFBE30SPBF Datasheet
588Kb / 10P
HEXFET Power MOSFET
IRLZ24NS IRF-IRLZ24NS Datasheet
180Kb / 10P
HEXFET Power MOSFET
IRL3705NSPBF IRF-IRL3705NSPBF Datasheet
294Kb / 10P
HEXFET Power MOSFET
IRL3803VS IRF-IRL3803VS Datasheet
221Kb / 10P
HEXFET Power MOSFET
IRLI640GPBF IRF-IRLI640GPBF Datasheet
1Mb / 8P
HEXFET Power MOSFET
IRF630N IRF-IRF630N_04 Datasheet
240Kb / 11P
HEXFET Power MOSFET
IRFR3711ZCPBF IRF-IRFR3711ZCPBF Datasheet
293Kb / 11P
HEXFET Power MOSFET
PVT322AS IRF-PVT322AS Datasheet
1Mb / 5P
HEXFET Power MOSFET output
PVU414PBF IRF-PVU414PBF_15 Datasheet
237Kb / 6P
HEXFET Power MOSFET output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com