Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5439 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC5439
Description  Silicon NPN Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC5439 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC5439 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC5439 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC5439 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC5439 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon NPN Power Transistors
2SC5439
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=10mA; IB=0
450
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA; IE=0
1000
V
VCEsat
Collector-emitter saturation voltage
IC=3.2A; IB=0.64 A
1.0
V
VBEsat
Base-emitter saturation voltage
IC=3.2A; IB=0.64 A
1.5
V
ICBO
Collector cut-off current
VCB=1000V; IE=0
100
μA
IEBO
Emitter cut-off current
VEB=7V; IC=0
10
μA
hFE-1
DC current gain
IC=1mA ; VCE=5V
10
hFE-2
DC current gain
IC=1A ; VCE=5V
14
34
Switching times
ton
Turn-on time
0.2
μs
ts
Storage time
2.0
3.5
μs
tf
Fall time
IB1=0.64A ;IB2=1.28A
VCC≈200V;RL=62.5Ω
0.15
μs



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com