Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHA2266 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHA2266
Description  GaAs Monolithic Microwave IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHA2266 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHA2266 Datasheet HTML 1Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 2Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 3Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 4Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 5Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 6Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 7Page - United Monolithic Semiconductors CHA2266 Datasheet HTML 8Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
12.5-17 GHz Driver Amplifier
CHA2266
Ref. : DSCHA22667082- 23 Mar 07
3/8
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical Results
Typical Chip Response (On wafer S-parameter*)
( Vds = 4V, Ids = 130mA )
4,1
2,9
2,5
2,0
1,9
1,6
1,5
1,5
2,2
-20
-15
-10
-5
0
5
10
15
20
25
30
35
40
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
Frequency / GHz
MS11
MS21
MS22
NF
*Return loss improves with bondings
Typical On Wafer Scattering Parameters
Tamb = +25°C, Bias Conditions: Vd = 4V
Freq/GHz
MS11
PS11
MS12
PS12
MS21
PS21
MS22
PS22
NF
5.00
-0.19
-60.43
-80.46
-28.08
-9.27
55.33
-2.21
-70.44
6.00
-0.30
-74.26
-78.78
-70.24
-0.12
-24.96
-2.68
-82.41
7.00
-0.46
-89.33
-75.88
2.69
6.56
-88.05
-3.27
-95.03
8.00
-0.80
-106.32
-72.20
32.17
12.83
-142.23
-4.19
-107.99
9.00
-1.44
-125.75
-73.72
-51.84
19.02
165.74
-5.51
-118.06
10.00
-2.86
-151.22
-66.33
-115.35
25.20
108.42
-7.08
-126.35
4.06
11.00
-6.63
177.56
-70.35
-76.43
30.42
42.05
-8.70
-131.49
2.88
12.00
-17.39
153.85
-66.55
-128.54
33.53
-28.39
-9.87
-134.03
2.46
13.00
-18.06
-84.40
-65.32
168.52
34.77
-94.85
-11.53
-135.84
2.01
14.00
-12.00
-98.21
-59.86
-136.83
35.15
-154.68
-12.46
-131.75
1.92
15.00
-9.86
-113.78
-76.73
168.29
35.05
149.44
-13.41
-127.10
1.60
16.00
-9.01
-121.29
-56.32
80.85
34.64
97.72
-12.58
-114.59
1.55
17.00
-8.27
-129.83
-57.21
-170.04
34.05
46.71
-11.91
-113.66
1.46
18.00
-6.40
-139.02
-62.54
-89.64
33.15
-4.88
-11.24
-113.55
2.24
19.00
-5.55
-156.24
-65.06
53.72
31.28
-55.40
-10.37
-116.41
20.00
-4.88
-174.36
-67.73
-90.69
28.65
-101.56
-9.43
-117.46
21.00
-4.83
166.53
-55.41
154.09
25.68
-143.31
-8.53
-120.11
22.00
-5.31
149.22
-53.79
91.59
22.47
-179.42
-7.66
-125.61
23.00
-5.85
132.80
-52.72
-168.14
19.33
148.56
-7.00
-131.61
24.00
-6.91
118.54
-50.50
80.81
16.33
119.70
-6.35
-137.67
25.00
-7.45
103.68
-71.86
-7.37
13.42
93.05
-6.02
-145.44



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com