Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX907C/D Datasheet(PDF) 12 Page - Maxim Integrated Products

Part # MAX907C/D
Description  Single/Dual/Quad High-Speed, Ultra Low-Power, Single-Supply TTL Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX907C/D Datasheet(HTML) 12 Page - Maxim Integrated Products

Back Button MAX907C/D Datasheet HTML 4Page - Maxim Integrated Products MAX907C/D Datasheet HTML 5Page - Maxim Integrated Products MAX907C/D Datasheet HTML 6Page - Maxim Integrated Products MAX907C/D Datasheet HTML 7Page - Maxim Integrated Products MAX907C/D Datasheet HTML 8Page - Maxim Integrated Products MAX907C/D Datasheet HTML 9Page - Maxim Integrated Products MAX907C/D Datasheet HTML 10Page - Maxim Integrated Products MAX907C/D Datasheet HTML 11Page - Maxim Integrated Products MAX907C/D Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Single/Dual/Quad High-Speed, Ultra Low-Power,
Single-Supply TTL Comparators
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
12 __________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 (408) 737-7600
© 1994 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
__________________________________________________________Chip Topographies
INB-
INB+
INA-
INA+
OUTB
OUTA
V+
0.055"
(1.40mm)
0.057"
(1.45mm)
GND
TRANSISTOR COUNT: MAX907:180
MAX908:360
SUBSTRATE CONNECTED TO GND.
MAX907
IN+
V+
GND
IN-
LE
V-
0.050"
(1.27mm)
0.051"
(1.30mm)
QOUT
TRANSISTOR COUNT: 95;
SUBSTRATE CONNECTED TO V-.
MAX909
QOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com