Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2291 Datasheet(PDF) 4 Page - United Monolithic Semiconductors

Part # CHR2291
Description  12-17GHz Integrated Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2291 Datasheet(HTML) 4 Page - United Monolithic Semiconductors

  CHR2291 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2291 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2291 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2291 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2291 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2291 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CHR2291
12-17GHz Integrated Down Converter
Ref. : : DSCHR22911192 - 11 Jul 11
4/6
Specifications subject to change without notice
Route Départementale 128 , B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On-board Measurements
Bias Conditions: Vdm= Vdl= 3.5 V, Vgm= -0.7V, Vgb= -0.4V, Vgx= -0.6V, Vga= -0.4V
Conversion Gain & Image Rejection with a 90°IQ com biner
0
4
8
12
16
20
24
28
32
-2
-1,5
-1
-0,5
0
0,5
1
1,5
2
IF Frequency (GHz)
RF=12.75GHz
RF=14.05GHz
RF=15.35GHz
Gain
Rejection
LO= RF + IF



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com