Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CHR2295 Datasheet(PDF) 3 Page - United Monolithic Semiconductors

Part # CHR2295
Description  24-30GHz Integrated Down Converter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UMS [United Monolithic Semiconductors]
Direct Link  http://www.ums-gaas.com
Logo UMS - United Monolithic Semiconductors

CHR2295 Datasheet(HTML) 3 Page - United Monolithic Semiconductors

  CHR2295 Datasheet HTML 1Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 2Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 3Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 4Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 5Page - United Monolithic Semiconductors CHR2295 Datasheet HTML 6Page - United Monolithic Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
24-30GHz MFC Down Converter
CHR2295
Ref.: DSCHR22951192 - 11 Jul 11
3/6
Specifications subject to change without notice
Route Départementale 128, B.P.46 - 91401 ORSAY Cedex - FRANCE
Tel.: +33 (0)1 69 33 03 08 - Fax : +33 (0)1 69 33 03 09
Typical On-wafer Measurements
Bias Conditions : Vdm= Vdl= 3.5V, Vgm= -0.9V, Vgb= -0.3V, Vgx= -0.7V, Vga= -0.2V
Input RF compression by channel
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
-20
-18
-16
-14
-12
-10
-8
-6
-4
Input RF power (dBm)
IF power_I (dBm)
Conv_gain I (dB)
IF power_Q (dBm)
Conv_gain Q (dB)
Freq_RF= 24.6GHz
Freq_LO= 12.05GHz
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
8
10
-20
-18
-16
-14
-12
-10
-8
-6
-4
Input RF power (dBm)
IF power_I (dBm)
Conv_gain I (dB)
IF power_Q (dBm)
Conv_gain Q (dB)
Freq_RF= 28GHz
Freq_LO= 13.75GHz



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com