Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDT460 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SDT460
Description  Wide Body Photo-Transistor Optocoupler
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDT460 Datasheet(HTML) 2 Page - Solid State Optronic

  SDT460 Datasheet HTML 1Page - Solid State Optronic SDT460 Datasheet HTML 2Page - Solid State Optronic SDT460 Datasheet HTML 3Page - Solid State Optronic SDT460 Datasheet HTML 4Page - Solid State Optronic SDT460 Datasheet HTML 5Page - Solid State Optronic SDT460 Datasheet HTML 6Page - Solid State Optronic SDT460 Datasheet HTML 7Page - Solid State Optronic SDT460 Datasheet HTML 8Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 8
SDT460 /TR
Rev 1.00 (05/17/2013)
001575
SDT460
DC Input
70V
Wide Body Photo-Transistor Optocoupler
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
1.25
1.6
V
IF = 50mA
Terminal Capacitance
Ct
-
50
-
pF
V=0, f=1MHz
Reverse Current
IR
-
-
10
A
VR=4V
Output Specifications
Collector-Emitter Voltage
VCEO
70
-
-
V
IC=100A
Emitter-Collector Voltage
VCOE
7
-
-
V
IE=10A
Collector Dark Current
ICEO
-
10
100
nA
VCE=20V, IF=0mA
Floating Capacitance
Cf
-
0.3
-
pF
V=0, f=1MHz
Cut-Off Frequency
fC
-
80
-
kHz
VCE=5V, IC=2mA, RL=100-3dB
Saturation Voltage
VCE(sat)
-
-
0.3
V
IF=10mA, IC=1mA
Coupled Specifications
Rise Time
TR
-
3
18
S
IC=2mA, VCC=5V, RL=100
Fall Time
TF
-
4
18
S
IC=2mA, VCC=5V, RL=100
Current Transfer Ratio (Open Bin / No Suffix)
CTR
50
-
600
%
IF=5mA, VCE=5V
(-A Binning)
CTR
63
-
125
%
IF=10mA, VCE=5V
(-B Binning)
CTR
100
-
200
%
IF=10mA, VCE=5V
(-C Binning)
CTR
50
-
150
%
IF=5mA, VCE=5V
(-D Binning)
CTR
100
-
300
%
IF=5mA, VCE=5V
(-E Binning)
CTR
80
-
160
%
IF=5mA, VCE=5V
(-F Binning)
CTR
130
-
260
%
IF=5mA, VCE=5V
(-G Binning)
CTR
200
-
400
%
IF=5mA, VCE=5V
Isolation Specifications
Isolation Voltage
VISO
5000
-
-
VRMS
RH ≤ 50%, t=1min
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Electrical Characteristics, TA = 25°C (unless otherwise specified)
Test Circuit: Response Time
Test Circuit: Frequency Response



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com