Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9150EUI Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9150EUI
Description  Low-Jitter, 10-Port LVDS Repeater
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9150EUI Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9150EUI Datasheet HTML 1Page - Maxim Integrated Products MAX9150EUI Datasheet HTML 2Page - Maxim Integrated Products MAX9150EUI Datasheet HTML 3Page - Maxim Integrated Products MAX9150EUI Datasheet HTML 4Page - Maxim Integrated Products MAX9150EUI Datasheet HTML 5Page - Maxim Integrated Products MAX9150EUI Datasheet HTML 6Page - Maxim Integrated Products MAX9150EUI Datasheet HTML 7Page - Maxim Integrated Products MAX9150EUI Datasheet HTML 8Page - Maxim Integrated Products MAX9150EUI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Low-Jitter, 10-Port LVDS Repeater
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = +3.0V to +3.6V, RL = 50
Ω ±1%, |VID| = 0.1V to 1.0V, VCM = |VID / 2| to 2.4V - |VID / 2|, PWRDN = high, TA = -40°C to +85°C,
unless otherwise noted. Typical values are at VCC = +3.3V, TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC to GND ...........................................................-0.3V to +4.0V
RIN+, RIN- to GND ................................................-0.3V to +4.0V
PWRDN to GND..........................................-0.3V to (VCC + 0.3V)
DO_+, DO_-...........................................................-0.3V to +4.0V
Short-Circuit Duration (DO_+, DO_-) .........................Continuous
Continuous Power Dissipation (TA = +70°C)
28-Pin TSSOP (derate 12.8mW/°C above +70°C) .....1026mW
Storage Temperature.........................................-65°C to +150°C
Maximum Junction Temperature .....................................+150°C
Operating Temperature Range...........................-40°C to +85°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
PWRDN
Input High Voltage
VIH
2.0
V
Input Low Voltage
VIL
0.8
V
Input Current
IIN
VIN = VCC and 0
-15
15
µA
LVDS INPUT
Differential Input High Threshold
VTH
7
100
mV
Differential Input Low Threshold
VTL
-100
-7
mV
PWRDN = high or low; VRIN+ = 2.4V,
RIN- = open or RIN+ = open, VRIN- = 2.4V
-6
+1
Single-Ended Input Current
IIN
PWRDN = high or low; VRIN+ = 0,
RIN- = open or RIN+ = open, VRIN- = 0
-18
+1
µA
Power-Off Single-Ended Input
Current
IIN(OFF)
VCC = 0; VRIN+ = 2.4V, RIN- = open
or RIN+ = open, VRIN- = 2.4V
-1
+12
µA
Differential Input Resistance
RIDIFF
VCC = +3.6V or 0, PWRDN = high or low
5
k
Ω
LVDS DRIVER
Differential Output Voltage
VOD
Figure 1
250
320
450
mV
Change in VOD Between
Complementary Output States
∆VOD
Figure 1
25
mV
Offset (Common-Mode) Voltage
VOS
Figure 1
0.90
1.25
1.375
V
Change in VOS Between
Complementary Output States
∆VOS
Figure 1
25
mV
Output High Voltage
VOH
Figure 1
1.6
V
Output Low Voltage
VOL
Figure 1
0.7
V
Differential Output Resistance
(Note 2)
RODIFF
VCC = +3.6V or 0, PWRDN = high or low
150
240
330
Ω
Differential High Output Voltage
in Fail-Safe
VOD+
RIN+, RIN- undriven with short, open, or
100
Ω termination
250
450
mV
VID = +100mV, VDO_+ = GND
Output Short-Circuit Current
ISC
VID = -100mV, VDO_- = GND
-15
mA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com