Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

105XG2D Datasheet(PDF) 3 Page - HB Electronic Components

Part # 105XG2D
Description  High bright output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

105XG2D Datasheet(HTML) 3 Page - HB Electronic Components

  105XG2D Datasheet HTML 1Page - HB Electronic Components 105XG2D Datasheet HTML 2Page - HB Electronic Components 105XG2D Datasheet HTML 3Page - HB Electronic Components 105XG2D Datasheet HTML 4Page - HB Electronic Components 105XG2D Datasheet HTML 5Page - HB Electronic Components 105XG2D Datasheet HTML 6Page - HB Electronic Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
Part No.:105XG2D
www.ledz.com
3/6
LED SPECIFICATION
Ø Typical electrical/optical characteristic curves:
400
100
Wavelength λ(nm)
0
50
25
75
700
650
550
600
500
450
Fig.5 辐射强度 Vs. 波长
-20
30
Ambient Temperature TA ()
℃
0
0
20
10
40
60
20
80
100
IF-Forward Current (mA)
Forward Voltage(V)
50
40
3.6
2.4
2.8
3.2
0
10
4.0
0
0
10
20
30
0.5
50
30
20
40
2.5
1.0
1.5
2.0
40
50
2.0
2.5
2.0
40
60
90
80
1.5
1.0
0.5
0
20
0
-40
Ambient Temperature TA ()
℃
Fig.1 正向电流 Vs. 正向电压
Fig.2
相对亮度 Vs. 正向电流
Fig.3 正向电流 Vs. 环境温度
Fig.4 相对亮度 Vs. 环境温度



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com